Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1203MT-3W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # WRB1203MT-3W
Description  SINGLE OUTPUT , DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1203MT-3W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  WRB1203MT-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1203MT-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB1203MT-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB1203MT-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB1203MT-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB1203MT-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRF_MT-3W
2013.06.26-A/1
Page 3 of 6
EMC RECOMMENDED CIRCUIT
L D M2
C0
TVS
L D M1
MOV
FUSE
C1
+
Vin
G ND
+Vo
0V
EUT
L O AD
C2
CY
C trl
Cd
D1
R
C trl
Vin
G ND
(Figure 1)
Recommended external circuit param eters:
Model
Vin:12V
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
--
S14K35
S14K60
LDM1
--
56
μH
56
μH
TVS
SMCJ28A
SMCJ48A
SMCJ90A
C0
680uF/50V
330
μF/50V
330
μF/100V
C1
4.7
μF/50V
4.7
μF/100V
LDM2
12
μH
C2
4.7
μF/50V
4.7
μF/100V
CY
1nF/2KV
D1
RB160M-60/1A
R
Follows:
300
-
0
.
1
-
-
C
D
C
I
V
V
R =
Cd
47nF/100V
Note:
1. In Figure 1,part① is EMS recommended external circuit, part② is EMI recommended external circuit. Choose according to requirements;
2. If there is no recommended parameters, the model no require the external component;
3.
VC is the voltage to GND from Ctrl, VD is the forward conduction voltage drop of D1, IC is the current through Ctrl pin which is normally
5-10mA, the external circuit of Ctrl is as shown in figure1-③.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)
Note: The space between input and output GND (CY) must
≥2mm.
EMC MODULE APPLICATION CIRCUIT
E UT
GND
C trl
-Vo
+Vo
-Vin
+Vin
FT- A /BX 1D
Load
0V
+Vo
V in
Cd
D1
R
C t rl
C
+
-Vin
+V in
FU SE
L DM
C1
FT-A/BX1D is MORNSUN
’s EFT suppresser
For nominal voltage <48V,C
≥330μF/50V
For nominal voltage =48V,C
≥330μF/100V
LDM=12uH,C1=1nF/2000V
(Figure 3)


Similar Part No. - WRB1203MT-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB1203CS-1W MORNSUN-WRB1203CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB1203CS-1W6 MORNSUN-WRB1203CS-1W6 Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB1203D-10W MORNSUN-WRB1203D-10W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB1203LT-1W6 MORNSUN-WRB1203LT-1W6 Datasheet
150Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
WRB1203LT-3W MORNSUN-WRB1203LT-3W Datasheet
114Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

Similar Description - WRB1203MT-3W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com