Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA1215SP-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRA1215SP-2W
Description  DIP PACKAGE DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA1215SP-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRA1215SP-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA1215SP-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
WRA_SP-2W & WRB_SP-2W
A/4-2012
Page 1 of 2
WRA_SP-2W & WRB_SP-2W Series
2W, WIDE INPUT, DUAL & SINGLE OUTPUT
DIP PACKAGE DC-DC CONVERTER
Patent Protection
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max.*
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
WRA0505SP-2W
±5
±200
±20
68
WRA0512SP-2W
±12
±83
±8
72
WRA0515SP-2W
±15
±67
±6
73
WRB0505SP-2W
5
400
40
68
WRB0512SP-2W
5
4.5-9
11
12
167
16
72
WRA1205SP-2W
±5
±200
±20
74
WRA1212SP-2W
±12
±83
±8
78
WRA1215SP-2W
±15
±67
±6
79
WRB1205SP-2W
5
400
40
73
WRA2412SP-2W
±12
±83
±8
79
WRB2405SP-2W
5
400
40
77
WRB2424SP-2W
24
83
8
81
WRB4805SP-2W
5
400
40
77
WRB4815SP-2W
12
9-18
22
15
133
13
80
Note:
1.Models listed with strike-through text have been officially discontinued.
2.*Input voltage can
’t exceed this value, or will cause the permanent damage.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance Input/Output, 100KHz/1V
47
pF
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
No-load Power
0.15
W
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Copper, Nickel Plated
MTBF
1000
K hours
Weight
14
g
● 2:1 wide input voltage range
● Operating temperature: -40°C ~+85°C
● 1.5KVDC isolation
● Metal shielding package
● No heat sink required
● Short circuit protection
● Industry standard pinout
● MTBF>1,000,000 hours
● RoHS Compliance
APPLICATIONS
The WRA_SP-2W & WRB_SP-2W series
are specially designed for applications where
a wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board. These products apply to:
1) Where the voltage of the input power
supply is wide range (voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRB0505SP-2W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - WRA1215SP-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1215SP-3W MORNSUN-WRA1215SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - WRA1215SP-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VFA1205MP-6W MORNSUN-VFA1205MP-6W Datasheet
116Kb / 2P
   DIP PACKAGE DC-DC CONVERTER
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com