Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC24H-600R Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-600R
Description  LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-600R Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  KC24H-600R Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-600R Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-600R Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-600R Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-600R Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. KC24H-600R Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LED Driver
KC24H-R Series
2014.02.28-A/3
Page 5 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5. PWM dimming control
PWM Control Signal
0
1
0
1
0
1
0
1
0
1
PWM Control Signal
Output Current
Output Current(LED turned on)
Output Current(LED turned off)
PWM Control Signal
For PWM dimming signals with a certain frequency, the output current of the driver is related to the duty ratio of PWM signal. Refer to the
formula for the calculation method:
T
Io_norm
Io_set
=
(DT-0.8)
Where, Io_set represents required output current (mA); D represents the duty ratio (%) of PWM signal; T represents the period (ms) of PWM
signal; and Io_norm represents the rated output value (mA) of the driver.
Note: The above formula is for reference only; and deviation of output current may exist due to various loads. The min. conducted time of PWM signal shallnot
be less than 0.8ms, or the product will be in abnormal operation; in case of low voice from the driver during PWM dimming, it is normal since the PWM
dimming frequency is within the auditory frequency range of human ears (20Hz-20KHz in general). To prevent seeing flash of the LED by human eyes, it is
suggested to set the PWM dimming frequency between 100-200Hz.
PWM curve(Vin=24V,5LEDs):
KC24H-350RX3
KC24H-500RX3
KC24H-700RX3
50
100
150
200
250
300
350
400
10 30 50 70 90 100 120 140 150 170 190 200 220 250
PWM Dimming Frequency (Hz)
Fig. 6 Output current VS PWM dimming frequency (D=50%)
KC24H-350RX3
KC24H-500RX3
KC24H-700RX3
0
100
200
300
400
500
600
20
30
40
50
60
70
80
Dimming Duty Ratio (%)
Fig. 7 Output current VS Dimming duty ratio(f=200Hz)
6. Analogue dimming and typical application
1st LED
Last LED
KC24H-xxxRX3
+Vin
GND
15K
6K8
On/Off
(Optional)
0-10V
1
4
6
5
3
2
Fig. 8 Analogue dimming circuit
Voltage Control(0-15V max)
Analogue Input Voltage
0.2V
1V
2V
3V
4V
5V 15V
0%
100%
Fig. 9 Analogue input voltage and output current
7. The voltage drop of all LEDs in the datasheet is 3.3-3.8V,during actual application, the number of LEDs
can be confirmed based on the actual voltage drop and output voltage of LEDs.
8. This product does not support hot-Plug use.
9. For more information Please find the application notes on www.mornsun-power.com


Similar Part No. - KC24H-600R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-1000 MORNSUN-KC24H-1000 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X1 MORNSUN-KC24H-1000X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X2 MORNSUN-KC24H-1000X2 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X3 MORNSUN-KC24H-1000X3 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1200X1 MORNSUN-KC24H-1200X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
More results

Similar Description - KC24H-600R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com