Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7812KT-500 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # K7812KT-500
Description  SMD PACKAGE SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7812KT-500 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  K7812KT-500 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7812KT-500 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7812KT-500 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K7812KT-500
A/2-2012
Page 3 of 3
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin section tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.25mm[±0.010inch]
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Devices per tube quantity: 33pcs
L=220mm[8.661inch]
Devices per tube quantity: 13pcs
(Front View)
(Top View)
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
0.10[0.004]
1
9
10
10.16[0.400]
5.08[0.200]
0.60
±0.10
[0.024±0.004]
15.24±0.50
[0.60±0.020]
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
Pin
FOOTPRINT DETAILS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
Devices per reel quantity:500pcs
Devices per tube quantity: 2000pcs
Devices per tube quantity: 4000pcs
Inner packaging dimensions: L*W*H=365*350*105mm
Outer packaging dimensions: L*W*H=390*360*245mm.
;
Function
Taping dimension:
Taping reel dimension:
1
5
7,9
6
10
Vadj
Vin
GND
ON/OFF
Vout
(Side View)
∅1.50 [0.059]
∅1.50 [0.059]
∅13.00 [0.512]
∅21.50 [0.846]
15.10[0.594]
10.70[0.421]
4.72 [0.186]
2.00 [0.079]
1.75 [0.069]
11.50 [0.453]
0.50 [0.020]
7.65 [0.301]
16.00
[0.630]
12.40
[0.488]
29.40 [1.157]
∅100.00[3.937]
1.00[0.039]
12.10±0.30
[0.476±0.012]
10.05±0.20
[0.396±0.008]
1.15±0.20
[0.045±0.008]
1.87±0.20
[0.074±0.008]
5.08[0.200]
10.16[0.400]
A
5
6
7
2.54±0.20
[0.10±0.008]
A
1
5
6
7
9
10
RECOMMENDED FOOTPRINT
TAPINGREEL DIMENSIONS
Note:
grid:2.54*2.54mm
STANDARD APPLICATION CIRCUIT
K7812KT-500
1
7,9
5
Vin
GND
Vout
C2
C1
6
10
O N /O FF
R1
R2
GND
470 pF
C3
10 0F
μ
C5
10 F/50V
μ
2 2 F/2 5V
μ
1.
C1,C2: Choose a ceramic type capacitors; C3 is require ,for best performance , use a 100
μF or more capacitor please.
2.
C1,C2 are required and should be placed close to the pins of the converter, with shortest possible traces.
3.
No parallel connection or plug and play.


Similar Part No. - K7812KT-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K7812-1000 MORNSUN-K7812-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
logo
Crystek Corporation
K7812-1000 CRYSTEKCRYSTAL-K7812-1000 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7812-1000 MORNSUN-K7812-1000 Datasheet
626Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED
logo
Guangzhou Reicu Electro...
K7812-1000 REICU-K7812-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7812-1000L REICU-K7812-1000L Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results

Similar Description - K7812KT-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78XXT-500 MORNSUN-K78XXT-500 Datasheet
475Kb / 5P
   SMD PACKAGE SINGLE OUTPUT
K78XXT-1000 MORNSUN-K78XXT-1000 Datasheet
509Kb / 6P
   SMD PACKAGE SINGLE OUTPUT
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
K7805T-1000 MORNSUN-K7805T-1000 Datasheet
444Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
LMT78 GAPTEC-LMT78 Datasheet
1Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
LMT78-1.0R GAPTEC-LMT78-1.0R Datasheet
2Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
LMTO78 GAPTEC-LMTO78 Datasheet
1Mb / 4P
   Wide input, non-isolated & regulated, single output, SMD package
logo
Recom International Pow...
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-053.3S RECOM-RW-053.3S_06 Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
logo
MORNSUN Science& Techno...
K7805T-500 MORNSUN-K7805T-500 Datasheet
467Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com