Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3100 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3100
Description  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3100 Datasheet(HTML) 5 Page - Texas Instruments

  LM3100 Datasheet HTML 1Page - Texas Instruments LM3100 Datasheet HTML 2Page - Texas Instruments LM3100 Datasheet HTML 3Page - Texas Instruments LM3100 Datasheet HTML 4Page - Texas Instruments LM3100 Datasheet HTML 5Page - Texas Instruments LM3100 Datasheet HTML 6Page - Texas Instruments LM3100 Datasheet HTML 7Page - Texas Instruments LM3100 Datasheet HTML 8Page - Texas Instruments LM3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
-50
-20
10
40
70
100
130
TEMPERATURE (ºC)
VOUT = 3.3V
RON = 50 k:
L = 4.7 PH
ILOAD = 0.4A
VIN = 36V
VIN = 18V
VIN = 4.5V
0.75
0.775
0.8
0.825
0.85
0
10
20
30
40
0
200
400
600
800
1000
VIN (V)
ILOAD = 0.5A
ILOAD = 0.5A
ILOAD = 0.5A
ILOAD = 1.5A
ILOAD = 1.5A
ILOAD = 1.5A
VOUT = 3.3A
RON = 25 k:
L = 3.8 PH
RON = 50 k:
L = 8.2 PH
RON = 100 k:
L = 14 PH
0
5
10
15
20
25
30
35
40
VIN (V)
0
1000
2000
3000
4000
RON = 10 k:
RON = 25 k:
RON = 50 k:
RON = 100 k:
4.5
6
7.5
9
10.5
VIN (V)
4
4.5
5
5.5
6
6.5
7
VCC not loaded externally
ILOAD = 700 mA
RON = 100 k:
RON = 50 k:
RON = 20 k:
0
20
40
60
80
ICC (mA)
0
1
2
3
4
5
6
7
VIN = 7V
VIN = 36V
VIN = 18V
VCC Externally Loaded
CVCC = 680 nF
VFB = 1V, no switching
0
10
20
30
40
0
200
400
600
800
1000
VIN (V)
VEN = 2V ; VFB = 1V
Active mode, no switching
VEN = 0V
Shut-down mode
-40
oC
25
oC
125
oC
125
oC
25
oC
-40
oC
LM3100
www.ti.com
SNVS421F – JANUARY 2006 – REVISED DECEMBER 2009
Typical Performance Characteristics
All curves taken at VIN = 18V with configuration in typical application circuit for VOUT = 3.3V shown in this datasheet. TA =
25°C, unless otherwise specified.
Quiescent Current, IIN
VCC
vs
vs
VIN
ICC
VCC
TON
vs
vs
VIN
VIN
Switching Frequency, FSW
VFB
vs
vs
VIN
Temperature
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3100


Similar Part No. - LM3100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com