Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0603R223KCT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # T0603R223KCT
Description  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T0603R223KCT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  T0603R223KCT Datasheet HTML 1Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 2Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 3Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 4Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 5Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 6Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 7Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 8Page - List of Unclassifed Manufacturers T0603R223KCT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 5
27/04/06 V1.0
Item
Performance
Test or Inspection Method
Temperature
Characteristic
of Capacitance
Temperatures Coefficient
The temperature coefficient is determined using the
capacitance measured in step 3 as a reference. Test the
specimen from step 1through step 5, the capacitance shall
be within the specified tolerance for the capacitance
coefficient and capacitance change as left table.
Solderabiliy
New solder to over 95% of termination
Completely soak both terminal electrodes in
solder at specified temperature for 3 ±0.5 second
a. For Tin-Lead Sn/Pb) Termination product:
235 ±5°C.
b. For Lead-free (Pure Sn) Termination
product: 245 ±5°C.
Leaching
Completely soak both terminal electrodes in solder at 270
±5°C for 40 ±1second.
Soldering
to heat
External
Appearance
No mechanical Damage
Completely immerse both
terminations in solder at 270 ±5°C for 10 ±3 second.
Leave the capacitors in ambient condition for 2 4 ±2 hours
before measurement.
*Preconditioning: F(only for Class 2):
Perform a heat treatment at 150 +0-10°C for one hour and
then let sit for 24 ±2 hours at room temperature.
Perform the initial measurement.
Capacitance
Change
(
∆ C/C)
NPO
X7R/X5
R
Z5U
Y5V
±2.5% or ±0.25 pF maximum
(Whichever is larger)
±7.5%
±20%
±20%
DF
NPO: C
≥30pF : Q ≥ 1000
C
<30pF:Q ≥ 400 + 20°C
PS: C : Nominal Capacitance (pF)
X7R, X5R, Y5V, Z5U : (Maximum Value)
IR
NPO:
100,000MW minimum or R x C
≥1000W
x F (Whichever is smaller)
X7R, X5R, Y5V, Z5U:
10,000MW minimum or R x C
≥1000W
x F (Whichever is smaller)
Code
Temperature Coefficient
1
Base Temperature (25°C) ±2°C
2
Minimum Operation Temperature ±2°C
3
Base Temperature (25°C) ±2°C
4
Minimum Operation Temperature ±2°C
5
Base Temperature (25°C) ±2°C
TC
Operating
Temperature
Capacitance
Change (DC)
NPO -55 ~ +125°C
0 ±30 (ppm/°C)
X7R -55 ~ +125°C
±15%
X5R
-55 ~ +85°C
±15%
Y5V -55 ~ +125°C
+22% ~ -82%
Z5U
-55 ~ +125°C
+22% ~ -56%
T.C.
≥≥
50V
25V
16V
≤≤10V
X7R/
X5R
2.5%
3.0%
3.5%
5.0%
Z5U
4.0%
-
-
-
Y5V
5.0%
7.5%
9.0% 12.5%


Similar Part No. - T0603R223KCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T0603R220BCT ETC2-T0603R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0603R220BCT ETC2-T0603R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0603R220CCT ETC2-T0603R220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0603R220DCT ETC2-T0603R220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0603R220FCT ETC2-T0603R220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - T0603R223KCT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com