Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53631NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-53631NL
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-53631NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-53631NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-53631NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
75
SPM2007 (11/07)
Mechanicals
Schematic
F ±.005/0,13
R
E ±.005/0,13
2X .080/2,03
Suggested PCB Layout
D ±.015/0,38
B MAX
A MAX
C MAX
.005/0,13
2 SURFACES
2 SURFACES
.005/0,13
C MAX
D ±.015/0,38
B MAX
F ±.015/0,38
R
E ±.005/0,13
2X .060/1,52
Suggested PCB Layout
A MAX
PKG
A
B
C
D
E
F
LCI-20
.340
.340
.270
.260
.300
.270
8,64
8,64
6,86
6,60
7,62
6,86
LCI-30
.435
.440
.360
.350
.400
.360
11,05
11,18
9,14
8,89
10,16
9,14
LCI-37
.565
.570
.360
.450
.520
.460
14,35
14,48
9,14
11,43
13,21 11,68
LCI-44
.600
.620
.390
.500
.550
.500
15,24
15,75
9,91
12,70
13,97 12,70
LCI-50
.670
.700
.390
.580
.620
.590
17,02
17,78
9,91
14,73
15,75 14,99
Low Current Inductors (LCI)
High Current Inductors (HCI)
Low Current Coupled Inductors (LCCI)
High Current Coupled Inductors (HCCI)
* Dimension “C” is .400/10,16 for the marked models because of heavier wire gage.
SMT POWER INDUCTORS
Toroid - SLIC Series
PKG
A
B
C
D
E
F
HCI-37
.620
.605
.370
.500
.440
.500
15,75
15,37
9,40
12,70
11,18 12,70
HCI-44
.670
.670
.390*
.560
.490
.570
17,02
17,02
9,91
14,22
12,45 14,48
HCI-50
.740
.740
.390*
.630
.560
.640
18,80
18,80
9,91
16,00
14,22 16,26
HCI-68
.940
.940
.390*
.820
.700
.830
23,88
23,88
9,91
20,83
17,78 21,08
Size Codes
F ± .005
,127
4X .300
7,62
E ± .005
,127
4X .080
2,03
R
A
MAX
D± .015
,381
B MAX
C
MAX
.005/0,13
4 SURFACES
1
2
4
3
SUGGESTED PAD LAYOUT
1
4
3
2
1
2
3
4
A
MAX
4X .060
1,52
4X .175
4,45
E± .005
0,13
F± .005
0,13
R
D± .015
0,38
C
MAX
.005/0,13
SUGGESTED PAD LAYOUT
1
4
3
2
Dimensions: Inches
mm
HCCI-44
HCCI-50
HCCI-68
LCCI-37
LCCI-44
LCCI-50
A
.715/18,16
.800/20,32 1.000/25,40
.560/14,22
.590/14,99
.670/17,02
B
.865/21,97
.910/23,11 1.110/28,19
.645/16,38
.715/18,16
.770/19,56
C
.390/9,91
.390/9,91
.390/9,91
.350/8,89
.390/9,91
.390/9,91
D
.760/10,30
.800/20,32 1.000/25,40
.520/13,21
.600/15,24
.650/16,51
E
.360/9,14
.440/11,18 .620/15,75
.340/8,64
.370/9,40
.445/11,30
F
.770/19,56
.810/20,57 1.010/25,65
.530/13,46
.610/15,49
.660/16,76
Schematic
Dimensions: Inches
mm
Dimensions: Inches
mm


Similar Part No. - PE-53631NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53631NL PULSE-PE-53631NL Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
PE-53631NL PULSE-PE-53631NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
PE-53631NL PULSE-PE-53631NL Datasheet
181Kb / 2P
   Fifteen package sizes
PE-53631NL PULSE-PE-53631NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
PE-53631NL PULSE-PE-53631NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PE-53631NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com