Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225415 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 225415
Description  ERNI BCS Powerelement Buchse M6
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

225415 Datasheet(HTML) 1 Page - ERNI Electronics

  225415 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
C
C
A
ANSICHT A
M6
SCHNITT C-C
ERNI BCS Powerelement
Buchse M6
225415
Layoutvorgabe (Ansicht PCB)
Für Layouter - Maßstab 1:1
x
x
x
x
Lochspezifikation:
o
Bohrdurchmesser: 2,30+0,00
-0,03
Enddurchmesser chem. Zinn: 2,175+0,05
-0,05
(Cu: min. 30µm - max. 60µm)
Enddurchmesser HAL bleifrei: 2,15+0,05
-0,05
(Cu: min. 25µm, Sn: max. 15µm)
x
Bohrdurchmesser: 3,20+0,00
-0,03
Enddurchmesser: 3,10+0,04
-0,06
o
o
o
o
o
o
o
o
o
T.Engel
M.Tolj
15.03.12
15.03.12
M.Tolj
15.03.12
Neuerstellung
A
Index Modification Nr. Date
Name
A4
All Dimensions
in mm
Electronics GmbH
BLUEcontact Solutions
D-73099 ADELBERG
Scale
Drawing Number
Designation
Date
Name
Tolerances
Drawn
Checked
Approved
2:1
1
2
3
4
5
6
3
4
6
5
2
1
A
B
C
D
C
D
A
B
Material / Surface
Customer Part Number
Original drawing


Similar Part No. - 225415

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
22541 ALPHAWIRE-22541 Datasheet
120Kb / 4P
   Customer Specification
8/24/2022
22541 ALPHAWIRE-22541 Datasheet
97Kb / 4P
   Customer SpecificationS
11/28/2022
logo
Huber+Suhner, Inc.
22541022 HUBERSUHNER-22541022 Datasheet
477Kb / 2P
   COAXIAL ADAPTER, BNC - N, 75 Ohm, plug / plug (male / male)
22541034 HUBERSUHNER-22541034 Datasheet
507Kb / 2P
   COAXIAL ADAPTER, BNC - N, 75 Ohm, plug / jack (male / female)
22541040 HUBERSUHNER-22541040 Datasheet
2Mb / 2P
   COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results

Similar Description - 225415

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
225417 ERNI-225417 Datasheet
314Kb / 1P
   ERNI BCS Powerelement Buchse M10
225414 ERNI-225414 Datasheet
306Kb / 1P
   ERNI BCS Powerelement Buchse M5
225690 ERNI-225690 Datasheet
37Kb / 1P
   BCS Powerelement Buchse M6 rundum
225684 ERNI-225684 Datasheet
35Kb / 1P
   BCS Powerelement Buchse M6 vollflachig
225682 ERNI-225682 Datasheet
34Kb / 1P
   BCS Powerelement Buchse M4 vollfl채chig
225681 ERNI-225681 Datasheet
33Kb / 1P
   BCS Powerelement Buchse M3
225691 ERNI-225691 Datasheet
37Kb / 1P
   BCS Powerelement Buchse M8 rundum
225687 ERNI-225687 Datasheet
33Kb / 1P
   BCS Powerelement Buchse M2,5 rundum
225714 ERNI-225714 Datasheet
31Kb / 1P
   BCS Powerelement gewinkelt M6 zweireihig
225685 ERNI-225685 Datasheet
36Kb / 1P
   BCS Powerelement Buchse M8 vollflachig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com