Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2240E Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF2240E
Description  2595 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2240E Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF2240E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2240E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2240E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2240E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2240E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2240E Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 6
©2010 by RF Monolithics, Inc.
SF2240E - 11/3/10
Filter Plot, 2295 to 2895 MHz
Filter Passband Plot, 2495 to 2695 MHz


Similar Part No. - SF2240E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
   2595 MHz SAW Filter
More results

Similar Description - SF2240E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1391A TAI-SAW-TA1391A Datasheet
415Kb / 8P
   SAW Filter 2595 MHz
logo
Murata Manufacturing Co...
SF2241E MURATA-SF2241E Datasheet
844Kb / 6P
   2595 MHz SAW Filter
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
   2595 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1236A TAI-SAW-TA1236A Datasheet
364Kb / 8P
   SAW Filter 2595 MHz
TA1391B TAI-SAW-TA1391B Datasheet
408Kb / 8P
   SAW Filter 2595 MHz
TA1626A TAI-SAW-TA1626A Datasheet
229Kb / 7P
   SAW Filter 2595 MHz
logo
TriQuint Semiconductor
885026 TRIQUINT-885026_15 Datasheet
550Kb / 6P
   2595 MHz BAW Filter
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2405B TAI-SAW-TA2405B Datasheet
880Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
TA2405A TAI-SAW-TA2405A Datasheet
878Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com