Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2239E Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SF2239E
Description  2580 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2239E Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SF2239E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2239E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2239E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2239E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2239E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2239E Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2010 by RF Monolithics, Inc.
SF2239E - 7/16/10
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
SM3030-6 Case
TOP VIEW
BOTTOM VIEW
K
K
O
M
M
N
N
N
L
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
Case and PCB Footprint Dimensions
Case Materials
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056
K
3.20
0.126
L
1.70
0.067
M
1.05
0.041
N
0.81
0.032
O
0.38
0.015
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
PCB Footprint Top View


Similar Part No. - SF2239E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2230A RFM-SF2230A Datasheet
511Kb / 8P
   Precision IF SAW Filter
logo
Murata Manufacturing Co...
SF2230A MURATA-SF2230A Datasheet
511Kb / 8P
   70 MHz SAW Filter
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2233E MURATA-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2234E RFM-SF2234E Datasheet
777Kb / 4P
   1980 MHz SAW Filter
More results

Similar Description - SF2239E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1235A TAI-SAW-TA1235A Datasheet
362Kb / 8P
   SAW Filter 2580 MHz
TA0759A TAI-SAW-TA0759A Datasheet
276Kb / 8P
   SAW Filter 2580 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com