Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP06DZB6R8M Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # NP06DZB6R8M
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NP06DZB6R8M Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  NP06DZB6R8M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NP06DZB6R8M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NP06DZB6R8M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NP06DZB6R8M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NP06DZB6R8M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NP06DZB6R8M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
372
6.90
5.80
5.10
3.60
3.00
2.80
2.10
1.80
1.50
1.30
1.03
0.90
0.65
0.59
0.49
0.39
0.31
0.23
0.18
4.60
4.00
3.60
3.30
3.00
2.50
2.00
1.70
1.40
1.10
0.91
0.73
0.64
0.56
0.42
0.31
0.29
0.23
0.18
形  名
Ordering code
1kHz
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
公  称
インダクタンス
Inductance
[AH]
M
20%
インダクタンス
許容差
Inductance
Tolerance
90
71
53
39
36
28
20
17
14
10
9.3
8.0
6.7
5.3
4.8
3.7
3.0
2.5
2.0
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
NP06DZB
シールドタイプ Shielded type
19
23
26
34
38
52
75
110
160
210
310
450
700
890
1500
2500
3000
5500
7100
直流抵抗
DC
Resistance
h
mEi
f
max.g
NP0 6DZB 1R0M
NP0 6DZB 1R5M
NP0 6DZB 2R2M
NP0 6DZB 3R3M
NP0 6DZB 4R7M
NP0 6DZB 6R8M
NP06DZB 100M
NP06DZB 150M
NP06DZB 220M
NP06DZB 330M
NP06DZB 470M
NP06DZB 680M
NP06DZB 101M
NP06DZB 151M
NP06DZB 221M
NP06DZB 331M
NP06DZB 471M
NP06DZB 681M
NP06DZB 102M
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
アイテム一覧 PART NUMBERS
N0 6D B1R0M
N0 6D B2R2M
N0 6D B4R7M
N 0 6D B100K
N 0 6D B150K
N 0 6D B220K
N 0 6D B330K
N 0 6D B470K
N 0 6D B680K
N 0 6D B101K
N 0 6D B151K
N 0 6D B221K
N 0 6D B331K
N 0 6D B471K
N 0 6D B681K
N 0 6D B102 J
N06DB
非シールドタイプ Non-Shielded type
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周波数
SelfKresonant
frequency
h
MHzi
f
min.g
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
1kHz
※)直流重畳許容電流(Idc1)は、直流重畳によるインダクタンス低下が30%以内となる直流電流値 (at 20℃)
The saturation current value(Idc1) is the DC current value having inductance decrease down to 30%. (at 20
℃)
※)温度上昇許容電流(Idc2)は、温度上昇が40℃となる直流電流値 (at 20℃)
The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40
℃. (at 20℃)
※)定格電流値は直流重畳許容電流、または温度上昇許容電流をいずれも満足する直流電流値
The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
3.9
3.2
2.5
1.7
1.3
1.1
0.95
0.80
0.70
0.60
0.48
0.40
0.32
0.25
0.21
0.16
1.0
2.2
4.7
10
15
22
33
47
68
100
150
220
330
470
680
1000
M
20%
87
53
33
22
18
13
9.8
8.8
8.1
7.9
6.0
5.2
4.4
3.4
2.6
2.1
0.021
0.029
0.046
0.079
0.12
0.17
0.25
0.32
0.45
0.68
1.0
1.4
2.3
3.6
4.6
8.2
M
10%
M
5%
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS


Similar Part No. - NP06DZB6R8M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NP0603 YAGEO-NP0603 Datasheet
469Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Panasonic Semiconductor
NP061A3 PANASONIC-NP061A3 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar transistor
NP062A1 PANASONIC-NP062A1 Datasheet
82Kb / 3P
   Composite Transistors Silicon NPN epitaxial planar type
logo
ON Semiconductor
NP0640SAMCT3G ONSEMI-NP0640SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SAT3G ONSEMI-NP0640SAT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
More results

Similar Description - NP06DZB6R8M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com