Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA13842 Datasheet(PDF) 10 Page - Fuji Electric

Part # FA13842
Description  CMOS IC(For Switching Power Supply Control)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA13842 Datasheet(HTML) 10 Page - Fuji Electric

Back Button FA13842 Datasheet HTML 6Page - Fuji Electric FA13842 Datasheet HTML 7Page - Fuji Electric FA13842 Datasheet HTML 8Page - Fuji Electric FA13842 Datasheet HTML 9Page - Fuji Electric FA13842 Datasheet HTML 10Page - Fuji Electric FA13842 Datasheet HTML 11Page - Fuji Electric FA13842 Datasheet HTML 12Page - Fuji Electric FA13842 Datasheet HTML 13Page - Fuji Electric FA13842 Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FA13842, 13843, 13844, 13845
10
Fig. 8
Fig. 10
Fig. 9
Tr1
+
~
~
+
+
C1
DB
R1
AC INPUT
R4
D4
R3
Tr2
Latching signal
ER AMP
30V
2R
1R
+
C2
D1
MOSFET
T1
OSC
REF
7
8
4
2
1
5
+
+
7
8
4
2
1
5
SCR1
ER AMP
2R
1R
30V
Latching signal
OSC
REF
R5
C5
SCR2
Latching signal
ER AMP
2R
1R
30V
OSC
REF
8
7
4
2
1
5
3.
Latched shutdown
A typical circuit for latched shutdown is shown in Fig. 8.
The voltage of the OUT terminal is kept low if the voltage of the
COMP terminal is low. The voltage of the COMP terminal
must be set at 0.7V or less in the application temperature
range. (See characteristic curve on page 46 ”COMP to ISNS
offset voltage vs temperature”.)
The source current from the COMP terminal is less than about
1.3mA.
Use of a thyristor such as that shown in Fig. 9 is not effective
because the saturation voltage of the thyristor is higher than
0.7V. When a thyristor is used, increase the voltage of the FB
terminal to more than 3V as shown in Fig.10. In the case of a
latched shutdown, it is necessary to supply a current larger
than the hold current of the thyristor structure circuit or of the
thyristor. This current should be provided through a start-up
resistor from the AC input.
Latched shutdown with a thyristor using the COMP
terminal is not effective.


Similar Part No. - FA13842

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
665Kb / 24P
   FUJI SWITCHING POWER SUPPLYCONTROL IC
FA13842 FUJI-FA13842_05 Datasheet
665Kb / 24P
   FUJI SWITCHING POWER SUPPLYCONTROL IC
More results

Similar Description - FA13842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com