Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA13842 Datasheet(PDF) 1 Page - Fuji Electric

Part # FA13842
Description  CMOS IC(For Switching Power Supply Control)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA13842 Datasheet(HTML) 1 Page - Fuji Electric

  FA13842 Datasheet HTML 1Page - Fuji Electric FA13842 Datasheet HTML 2Page - Fuji Electric FA13842 Datasheet HTML 3Page - Fuji Electric FA13842 Datasheet HTML 4Page - Fuji Electric FA13842 Datasheet HTML 5Page - Fuji Electric FA13842 Datasheet HTML 6Page - Fuji Electric FA13842 Datasheet HTML 7Page - Fuji Electric FA13842 Datasheet HTML 8Page - Fuji Electric FA13842 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FA13842, 13843, 13844, 13845
1
s Description
The FA1384X series are CMOS current mode control ICs for
off-line and DC-to-DC converters.
These ICs can reduce start-up circuit loss and are optimum for
high efficiency power supplies because of the low power
dissipation achieved through changes in the CMOS fabrication
process.
These ICs can drive a power MOSFET directly.
The high-performance, compact power supply can be
designed with minimal external components .
s Features
• CMOS process
• Low-power dissipation
• Standby current 2
µA (max.), start-up current 30µA (max.)
• Pulse-by-pulse current limiting
• 5V bandgap reference
• UVLO (Undervoltage lockout) with hysteresis
• Maximum duty cycle
FA13842, 13843: 96%
FA13844, 13845: 48%
• Pin-for-pin compatible with UC384X
Note:
Pins are fully compatible, but characteristics are not.
When our ICs are applied to a power supply circuit
designed for other manufactures' 384X series, the
characteristics and safety features of the power supply
must be checked.
s Types of FA1384X series
FA13842,13843,13844,13845
CMOS IC
For Switching Power Supply Control
s Dimensions, mm
SOP-8
4.9
0.4±0.1
1.27±0.2
1
4
8
5
DIP-8
1
8
5
4
9.3
7.62
1.5
0~15˚
0~15˚
0.46±0.1
2.54±0.25
0.25
+0.1
–0.05
Type
UVLO
Maximum duty Package
Start threshold Stop threshold cycle
FA13842P 16.5V
±1V
9V
±1V
96%
DIP
FA13842N
SOP
FA13843P
9.6V
±1V
9V
±1V
96%
DIP
FA13843N
SOP
FA13844P 16.5V
±1V
9V
±1V
48%
DIP
FA13844N
SOP
FA13845P
9.6V
±1V
9V
±1V
48%
DIP
FA13845N
SOP


Similar Part No. - FA13842

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
665Kb / 24P
   FUJI SWITCHING POWER SUPPLYCONTROL IC
FA13842 FUJI-FA13842_05 Datasheet
665Kb / 24P
   FUJI SWITCHING POWER SUPPLYCONTROL IC
More results

Similar Description - FA13842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com