Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2207E Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2207E
Description  800 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2207E Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2207E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2207E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2207E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2207E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2207E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 5
©2009-2010 by RF Monolithics, Inc.
SF2207E - 7/16/10
SM3030-6 Case
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
Top View
Bottom View
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
K
K
O
M
M
N
N
N
L
Case and PCB Footprint Dimensions
Case Materials
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056
K
3.20
0.126
L
1.70
0.067
M
1.05
0.041
N
0.81
0.032
O
0.38
0.015
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
PCB Footprint Top View


Similar Part No. - SF2207E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2207E RFM-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
More results

Similar Description - SF2207E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2207E RFM-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0975A TAI-SAW-TA0975A Datasheet
393Kb / 7P
   SAW Filter 800 MHz
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
logo
KR Electronics, Inc.
3176 KR-3176 Datasheet
67Kb / 3P
   800 MHz Bandpass Filter
logo
RF Monolithics, Inc
SF1223D RFM-SF1223D Datasheet
454Kb / 6P
   800/842 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
   800/842 MHz SAW Duplexer
logo
Transko Electronics, In...
TD800AP2 TRANSKO-TD800AP2 Datasheet
375Kb / 5P
   SAW DUPLEXER For 800 MHz / 842 MHz
Revision 0: September 2009
logo
EPCOS
B5059 EPCOS-B5059 Datasheet
226Kb / 8P
   SAW Tx filter CDMA 800
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
3290-SMA KR-3290-SMA Datasheet
114Kb / 3P
   400 to 800 MHz Equalizer Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com