Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPL570DS Datasheet(PDF) 7 Page - AAEON Technology

Part # NSPL570DS
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPL570DS Datasheet(HTML) 7 Page - AAEON Technology

Back Button NSPL570DS Datasheet HTML 3Page - AAEON Technology NSPL570DS Datasheet HTML 4Page - AAEON Technology NSPL570DS Datasheet HTML 5Page - AAEON Technology NSPL570DS Datasheet HTML 6Page - AAEON Technology NSPL570DS Datasheet HTML 7Page - AAEON Technology NSPL570DS Datasheet HTML 8Page - AAEON Technology NSPL570DS Datasheet HTML 9Page - AAEON Technology NSPL570DS Datasheet HTML 10Page - AAEON Technology NSPL570DS Datasheet HTML 11Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-6-
(6) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components.
It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(7) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(8) Safety Guideline for Human Eyes
· The International Electrical Commission (IEC) published in 2006 IEC 62471:2006 Photobiological
safety of lamps and lamp systems which includes LEDs within its scope. Meanwhile LEDs were
removed from the scope of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which
included LED sources within its scope. However, keep in mind that some countries and regions have
adopted standards based on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs
within its scope.
Following IEC 62471:2006, most of Nichia LEDs can be classified as belonging to either Exempt
Group or Risk Group 1. Optical characteristics of a LED such as output power, spectrum and light
distribution are factors that affect the risk group determination of the LED. Especially a high-power
LED, that emits light containing blue wavelengths, may be in Risk Group 2.
Great care should be taken when viewing directly the LED driven at high current or the LED with
optical instruments, which may greatly increase the hazard to your eyes.
Nichia STS-DA1-0157A
<Cat.No.080926>


Similar Part No. - NSPL570DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPL570DS NICHIA-NSPL570DS Datasheet
487Kb / 13P
   WARM WHITE LED
logo
Marl International Limi...
NSPL570DS MARL-NSPL570DS Datasheet
503Kb / 14P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
logo
AAEON Technology
NSPL570DS AAEON-NSPL570DS_15 Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
More results

Similar Description - NSPL570DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPL500S ETC-NSPL500S Datasheet
200Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS_15 Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS_15 Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL500DS AAEON-NSPL500DS_15 Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com