Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM2016T101J Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T101J
Description  WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T101J Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBM2016T101J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBM2016T101J Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
18.Damp heat life test
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Temperature
: 60±2℃
Humidity
: 90~95%RH
Duration
: 1000 hrs
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
19.Loading under damp heat life test
Specified Value
Test Methods and
Remarks
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Temperature
: 60±2℃
Humidity
: 90~95%RH
Duration
: 1000 hrs
Applied current
: Rated current
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
20.High temperature life test
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
LBM Series
Test Methods and
Remarks
Temperature
: 85±2℃
Duration
: 1000 hrs
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
21.Loading at high temperature life test
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
(LBC3225 Series : Within±20%)
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Temperature
: 85±2℃
Duration
: 1000 hrs
Applied current
: Rated current
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
22.Low temperature life test
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Temperature
: -40±2℃
Duration
: 1000 hrs
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
23.Standard condition
Specified Value
LB, LBC, LBR, LBMF Series
Standard test conditions
Unless specified, Ambient temperature is 20±15℃ and the Relative
humidity is 65±20%. If there is any doubt about the test results, further
measurement shall be had within the following limits:
Ambient Temperature: 20±2℃
Relative humidity: 65±5%
Inductance value is based on our standard measurement systems.
CB, CBC, CBL, CBMF Series
LBM Series


Similar Part No. - LBM2016T101J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T101J TAIYO-YUDEN-LBM2016T101J Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LBM2016T101J TAIYO-YUDEN-LBM2016T101J Datasheet
279Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T101J8 TAIYO-YUDEN-LBM2016T101J8 Datasheet
288Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T101JV TAIYO-YUDEN-LBM2016T101JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T101JV TAIYO-YUDEN-LBM2016T101JV Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T101J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T220J TAIYO-YUDEN-LBM2016T220J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T221J TAIYO-YUDEN-LBM2016T221J_19 Datasheet
279Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T560J TAIYO-YUDEN-LBM2016T560J Datasheet
279Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR39J TAIYO-YUDEN-LBM2016TR39J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR82J TAIYO-YUDEN-LBM2016TR82J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T1R2J TAIYO-YUDEN-LBM2016T1R2J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T3R9J TAIYO-YUDEN-LBM2016T3R9J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR18J TAIYO-YUDEN-LBM2016TR18J Datasheet
281Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T6R8J TAIYO-YUDEN-LBM2016T6R8J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T180J TAIYO-YUDEN-LBM2016T180J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T470J TAIYO-YUDEN-LBM2016T470J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com