Electronic Components Datasheet Search |
|
LBM2016T680J Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc |
|
LBM2016T680J Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc |
9 / 12 page ▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) . i_wound_CB_LB_reli_e-E02R01 12.Resistance to vibration Specified Value LB, LBC, LBR, LBMF Series Inductance change : Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM Series Inductance change : Within±5% No significant abnormality in appearance. Test Methods and Remarks LB・LBR・LBC・CB・CBC・CBL・LBM・LBMF・CBMF : According to JIS C5102 clause 8.2. Vibration type : A Directions : 2 hrs each in X, Y and Z directions. Total:6 hrs Frequency range : 10 to 55 to 10 Hz(1min.) Amplitude : 1.5mm Mounting method : Soldering onto printed board Recovery : At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. 13.Drop test Specified Value LB, LBC, LBR, LBMF Series - CB, CBC, CBL, CBMF Series LBM Series 14.Solderability Specified Value LB, LBC, LBR, LBMF Series At least 90% of surface of terminal electrode is covered by new CB, CBC, CBL, CBMF Series LBM Series Test Methods and Remarks LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: Solder temperature : 245±5℃ Duration : 5±0.5sec Flux : Methanol solution with 25% of colophony 15.Resistance to soldering Specified Value LB, LBC, LBR, LBMF Series Inductance change : Within±10% CB, CBC, CBL, CBMF Series LBM Series Inductance change : Within±5% Test Methods and Remarks LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: 3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec. 16.Resisitance to solvent Specified Value LB, LBC, LBR, LBMF Series - CB, CBC, CBL, CBMF Series LBM Series Test Methods and Remarks Solvent temperature : Room temperature Type of solvent : Isopropyl alcohol Cleaning conditions : 90s. Immersion and cleaning. 17.Thermal shock Specified Value LB, LBC, LBR, LBMF Series Inductance change : Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM Series Test Methods and Remarks LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:-40~+85℃, maintain times 30min. ,100 cycle Recovery : At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. |
Similar Part No. - LBM2016T680J |
|
Similar Description - LBM2016T680J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |