Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2173E Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2173E
Description  2350 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2173E Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2173E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2173E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2173E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2173E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2173E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 5
©2009-2010 by RF Monolithics, Inc.
SF2173E - 1/12/12
SM3030-6 Case
TOP VIEW
BOTTOM VIEW
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
K
K
O
M
M
N
N
N
L
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
Case and PCB Footprint Dimensions
Case Materials
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056
K
3.20
0.126
L
1.70
0.067
M
1.05
0.041
N
0.81
0.032
O
0.38
0.015
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
PCB Footprint Top View


Similar Part No. - SF2173E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2173E RFM-SF2173E Datasheet
410Kb / 5P
   2350 MHz SAW Filter
More results

Similar Description - SF2173E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0913A TAI-SAW-TA0913A Datasheet
352Kb / 7P
   SAW Filter 2350 MHz
logo
RF Monolithics, Inc
SF2173E RFM-SF2173E Datasheet
410Kb / 5P
   2350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0913B TAI-SAW-TA0913B Datasheet
352Kb / 8P
   SAW Filter 2350 MHz
TA2015D TAI-SAW-TA2015D Datasheet
721Kb / 7P
   SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
TA2015B TAI-SAW-TA2015B Datasheet
727Kb / 7P
   SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
logo
TriQuint Semiconductor
885069 TRIQUINT-885069_15 Datasheet
265Kb / 6P
   2350 MHz BAW Filter
logo
Qorvo, Inc
885069 QORVO-885069 Datasheet
265Kb / 6P
   2350 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2015A TAI-SAW-TA2015A Datasheet
698Kb / 7P
   SAW Filter 2350 MHz (BW 100Hz) SMD 1.1x0.9x0.5mm
TA2015C TAI-SAW-TA2015C Datasheet
720Kb / 7P
   SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
TA2404B TAI-SAW-TA2404B Datasheet
1Mb / 11P
   BAW TRX Filter 2350 MHz Band40 SMD 1109(BW=100MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com