Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS91M125 Datasheet(PDF) 9 Page - Texas Instruments

Part # DS91M125
Description  125 MHz 1:4 M-LVDS Repeater with LVDS Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M125 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS91M125_14 Datasheet HTML 5Page - Texas Instruments DS91M125_14 Datasheet HTML 6Page - Texas Instruments DS91M125_14 Datasheet HTML 7Page - Texas Instruments DS91M125_14 Datasheet HTML 8Page - Texas Instruments DS91M125_14 Datasheet HTML 9Page - Texas Instruments DS91M125_14 Datasheet HTML 10Page - Texas Instruments DS91M125_14 Datasheet HTML 11Page - Texas Instruments DS91M125_14 Datasheet HTML 12Page - Texas Instruments DS91M125_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8.0
7.0
6.0
5.0
4.0
3.0
2.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.6 V
2 Outputs ON
1 Output ON
4 Outputs ON
3 Outputs ON
180
150
120
90
60
30
0
0
25
50
75
100
125
VCC = 3.3V
TA = 25°C
RL = 50: On all CH)
FREQUENCY (MHz)
900
750
600
450
300
150
0
0
25
50
75
100
125
f = 1 MHz
VCC = 3.3V
TA = 25°C
RESISTIVE LOAD (:)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.6 V
3.4
3.0
2.6
2.2
1.8
1.4
1.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.6 V
3.4
3.0
2.6
2.2
1.8
1.4
1.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.6 V
DS91M125
www.ti.com
SNLS290B – AUGUST 2008 – REVISED NOVEMBER 2009
Typical Performance Characteristics
Figure 10. Driver Rise Time as a Function of Temperature
Figure 11. Driver Fall Time as a Function of Temperature
Figure 12. Driver Output Signal Amplitude as a Function of
Figure 13. Driver Propagation Delay (tPLHD) as a Function
Resistive Load
of Temperature
Figure 14. Driver Propagation Delay (tPHLD) as a Function
Figure 15. Driver Power Supply Current as a Function of
of Temperature
Frequency
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS91M125


Similar Part No. - DS91M125_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results

Similar Description - DS91M125_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com