Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6530CP Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # T6530CP
Description  ACTIVE HIGH PRECISION AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

T6530CP Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  T6530CP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. T6530CP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. T6530CP Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TxxxxCP
2013.11.26-B/0
Page
3 of3
Note:
1. All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, Please contact our technical support for more detail.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
DIMENSIONS,RECOMMENDED FOOTPRINT&PACKAGING


Similar Part No. - T6530CP

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T6530D/S MORNSUN-T6530D/S Datasheet
90Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T6530GP MORNSUN-T6530GP Datasheet
1,006Kb / 3P
   Isolation voltage
More results

Similar Description - T6530CP

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TE5534N MORNSUN-TE5534N Datasheet
1Mb / 5P
   ACTIVE HIGH PRECISION AMPLIFIER
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
List of Unclassifed Man...
AM447 ETC-AM447 Datasheet
89Kb / 6P
   High Precision Instrumentation Amplifier
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
logo
MORNSUN Science& Techno...
T1133D-S MORNSUN-T1133D-S Datasheet
130Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T1530D-S MORNSUN-T1530D-S Datasheet
130Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T5150D-S MORNSUN-T5150D-S Datasheet
92Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com