Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2353ABL Datasheet(PDF) 4 Page - Littelfuse

Part # P2353ABL
Description  Baseband Protection (Voice-DS1)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2353ABL Datasheet(HTML) 4 Page - Littelfuse

  P2353ABL Datasheet HTML 1Page - Littelfuse P2353ABL Datasheet HTML 2Page - Littelfuse P2353ABL Datasheet HTML 3Page - Littelfuse P2353ABL Datasheet HTML 4Page - Littelfuse P2353ABL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
173
SIDACtor® Protection Thyristors
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Marking
Part Numbering
CONSTRUCTION
VARIABLE
PACKING STYLE
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
xL xx
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 3 A
Blank: Bulk
RP: Reel Pack
60: Type 60 Lead Form
(for Type 60 orders, contact factory)
xxxxx
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
Date Code
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P2353ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2353ABL LITTELFUSE-P2353ABL Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2353ABLRP LITTELFUSE-P2353ABLRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
P2353ABLXX LITTELFUSE-P2353ABLXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
More results

Similar Description - P2353ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2600SBRP LITTELFUSE-P2600SBRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
Texas Instruments
TCM4400 TI1-TCM4400 Datasheet
399Kb / 72P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
logo
Filtran LTD
CFS2575 FILTRAN-CFS2575 Datasheet
17Kb / 1P
   T1 / DS1 Adjustable Inductor
logo
Texas Instruments
TCM4400E TI-TCM4400E Datasheet
888Kb / 64P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com