Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-43-6110 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-43-6110
Description  2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 11 Circuits, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-43-6110 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-43-6110 Datasheet HTML 1Page - Molex Electronics Ltd. 22-43-6110 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-43-6110
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
2.50mm Pitch SPOX™ Header, Shrouded, Staggered Footprint, 11 Circuits, White
Documents:
3D Model
Application Specification AS-42249-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-42219-0001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42249
Application
Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
SPOX™
UPC
800754393720
Physical
Breakaway
No
Circuits (Loaded)
11
Circuits (maximum)
11
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
0.876/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.50mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42249Series
Mates With
42219


Similar Part No. - 22-43-6110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-43-6110 MOLEX3-22-43-6110 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 11 Circuits, White
More results

Similar Description - 22-43-6110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022436110 MOLEX3-0022436110 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 11 Circuits, White
22-43-6060 MOLEX11-22-43-6060 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 6 Circuits, White
22-43-6040 MOLEX11-22-43-6040 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 4 Circuits, White
22-43-6130 MOLEX11-22-43-6130 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 13 Circuits, White
22-43-6030 MOLEX11-22-43-6030 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 3 Circuits, White
22-43-6100 MOLEX11-22-43-6100 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 10 Circuits, White
22-43-6080 MOLEX11-22-43-6080 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 8 Circuits, White
22-43-6070 MOLEX11-22-43-6070 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 7 Circuits, White
22-43-6150 MOLEX11-22-43-6150 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 15 Circuits, White
22-43-6020 MOLEX11-22-43-6020 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 2 Circuits, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com