Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE1215P-3WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRE1215P-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRE1215P-3WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRE1215P-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRE1215P-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRE1215P-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRE1215P-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRE1215P-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRE1215P-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
WRE_P- 3WR2 & WRF_P- 3WR2 Series
2014.03.26-A/4
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
3W,wide input isolated & regulated
DC-DC converter
Patent Protection
RoHS
FEATURES
Wide range of input voltage (2:1)
DIP package
Efficiency up to86%
3KVDC isolation
Short circuit protection(automatic recovery)
Operating temperature range:-40°C~+85°C
Meet
EN60950
The WRE_P-3WR2 & WRF_P-3WR2 Series are specially designed for applications where a wide range input voltage power supplies are
isolated from the input power supply in a distributed power supply system on a circuit board. For these DC-DC converters, you can reduce
the failure points of design, and save the manpower, material and time cost in developing micro power supply, and also ensure better
quality, stability, safety protection, and reliability for the end products.
These products apply to where:
1) Where the voltage variation range of the input power supply ≤ 2:1;
2) Where isolation is necessary between input and output (isolation voltage ≤3KVDC);
3) Where high requirements for the output voltage stability and output ripple noise are applied;
In circuits such as industrial control, electric power, communication system power supply, etc.
Selection Guide
Part No.
Input Voltage
(VDC)
Output
Efficiency (%,Typ.)
@Full Load
Max. Capacitive
Load
(μF)
certification
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
WRE0505P-3WR2
5
(4.5-9)
11
±5
±300/±15
76
2200
--
WRE0512P-3WR2
±12
±125/±6
78
1800
WRE0515P-3WR2
±15
±100/±5
78
1000
WRF0505P-3WR2
5
600/30
74
4700
WRF0512P-3WR2
12
250/12
77
2700
WRF0515P-3WR2
15
200/10
77
2200
WRE1205P-3WR2
12
(9-18)
20
±5
±300/±15
81
2200
WRE1209P-3WR2
±9
±166/±8
84
2000
WRE1212P-3WR2
±12
±125/±6
84
1800
WRE1215P-3WR2
±15
±100/±5
85
1000
WRF1203P-3WR2
3.3
909/46
74
4700
WRF1205P-3WR2
5
600/30
81
4700
WRF1212P-3WR2
12
250/12
83
2700
WRF1215P-3WR2
15
200/10
82
2200
WRF1224P-3WR2
24
125/6
83
1800
WRE2405P-3WR2
24
(18-36)
40
±5
±300/±15
82
2200
WRE2412P-3WR2
±12
±125/±6
84
1800
WRE2415P-3WR2
±15
±100/±5
84
1000
WRF2403P-3WR2
3.3
909/46
78
4700
WRF2405P-3WR2
5
600/30
81
4700
CE
WRF2412P-3WR2
12
250/12
86
2700
--
WRF2415P-3WR2
15
200/10
86
2200
WRF2424P-3WR2
24
125/6
85
1800
WRE4803P-3WR2
48
(36-75)
80
±3.3
±909/±46
76
4700
WRE4805P-3WR2
±5
±300/±15
82
2200
WRE4812P-3WR2
±12
±125/±6
84
1800


Similar Part No. - WRE1215P-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE1215P-3W MORNSUN-WRE1215P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - WRE1215P-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com