Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRF0505S-3WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # WRF0505S-3WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRF0505S-3WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  WRF0505S-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. WRF0505S-3WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 4 of 7
SINGLE
(Figure 2)
Note: The pad space between input and output GND (CY) must
≥2mm.
EMC MODULE APPLICATION CIRCUIT
E UT
GND
C trl
-Vo
+Vo
-Vin
+Vin
FT- A /B X 1D
Lo ad
-Vo
(0V)
+Vo
Vin
Cd
D1
R
C t rl
C
+
-Vin
+Vin
FU SE
FT-A/BX1D is MORNSUN
’s EFT suppresser
For Nominal Voltage<48V, C
≥330uF/50V
For Nominal Voltage =48V, C
≥330uF/100V
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT REFER TO FIGURE 1-②)
WRE2415S-3WR2 CE(Class B, Positive line)
WRE2415S-3WR2 CE(Class B, Negative line)


Similar Part No. - WRF0505S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRF0505S-3WR2 RSG-WRF0505S-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
More results

Similar Description - WRF0505S-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com