Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB0505CS-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRB0505CS-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB0505CS-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRB0505CS-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB0505CS-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_CS-2W & WRB_CS-2W
A/3-2012
Page 1 of 2
WRA_CS-2W & WRB_CS-2W Series
2W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal(Range)
Max*
No Load
(mA)(Typ)
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505CS-2W
±5
±200
±20
67
WRA0509CS-2W
±9
±111
±11
71
WRA0512CS-2W
±12
±83
±8
72
WRA0515CS-2W
±15
±67
±7
73
WRA0524CS-2W
±24
±42
±4
72
WRB0503CS-1W6
3.3
500
50
64
WRB0505CS-2W
5
400
40
67
WRB0509CS-2W
9
222
22
72
WRB0512CS-2W
12
167
16
73
WRB0515CS-2W
15
133
13
72
WRB0524CS-2W
5
(4.5-9.0)
11
40
24
80
8
71
WRA1205CS-2W
±5
±200
±20
73
WRA1209CS-2W
±9
±111
±11
74
WRA1212CS-2W
±12
±83
±8
78
WRA1215CS-2W
±15
±67
±7
77
WRB1203CS-1W6
3.3
500
50
68
WRB1205CS-2W
5
400
40
75
WRB1209CS-2W
9
222
22
77
WRB1212CS-2W
12
167
16
79
WRB1215CS-2W
15
133
13
80
WRB1224CS-2W
12
(9.0-18)
22
20
24
80
8
78
WRA2405CS-2W
±5
±200
±20
76
WRA2409CS-2W
±9
±111
±11
78
WRA2412CS-2W
±12
±83
±8
79
WRA2415CS-2W
±15
±67
±7
78
WRB2403CS-1W6
3.3
500
50
67
WRB2405CS-2W
5
400
40
77
WRB2409CS-2W
9
222
22
79
WRB2412CS-2W
12
167
16
80
WRB2415CS-2W
15
133
13
80
WRB2424CS-2W
24
(18-36)
40
10
24
80
8
80
WRA4805CS-2W
±5
±200
±20
75
WRA4809CS-2W
±9
±111
±11
78
WRA4812CS-2W
±12
±83
±8
79
WRA4815CS-2W
±15
±67
±7
79
WRB4803CS-1W6
3.3
500
50
71
WRB4805CS-2W
5
400
40
75
WRB4809CS-2W
9
222
22
76
WRB4812CS-2W
12
167
16
78
WRB4815CS-2W
15
133
13
78
WRB4824CS-2W
48
(36-72)
80
5
24
80
8
80
FEATURES
Miniature SIP Package
Wide (2:1) Input Range
Regulated Outputs
I/0 Isolation 1500VDC
Short Circuit Protection(automatic
recovery)
External On/Off control
Internal SMD construction
Operating Temperature: -40
°C to +85°C
RoHS Compliance
APPLICATIONS
The WRA_CS-2W & WRB_CS-2W Series
are specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRA0512CS-2W
Product Series
Input Voltage
Output Voltage
Package Style
R ated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1.* Input voltage can
’t exceed this value, or will cause the permanent damage.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.


Similar Part No. - WRB0505CS-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB0505CS-1W MORNSUN-WRB0505CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB0505CS-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com