Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB2424ZP-6WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # VRB2424ZP-6WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2424ZP-6WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  VRB2424ZP-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2424ZP-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2424ZP-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB2424ZP-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB2424ZP-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_ZP-6WR2 & VRB_ZP-6WR2
2013.12.02-A/2
Page 3 of5
EMS
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
±2KV
perf. CriteriaB ( External Circuit Refer to
Figure 1-①)
IEC/EN61000-4-4
±4KV
perf. CriteriaB ( External Circuit Refer to
Figure3)
Surge
IEC/EN61000-4-5
±2KV
perf. CriteriaB ( External Circuit Refer to
Figure 1-①or Figure3)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
Voltage dips,short and interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. CriteriaB
EMC RECOMMENDED CIRCUIT
LDM2
C0
TVS
LDM1
MOV
FUSE
C1
V in
GND
+
Vin
GND
+Vo
-Vo
(0V)
EUT
LOAD
CY2
CY1
(Figure 1)
Parameters
Vin: 12V
Vin: 24V
Vin: 48V
FUSE
Choose according to practical input current
MOV
--
S10K35
S10K60
LDM1
--
56
μH
TVS
SMCJ28A
SMCJ48A
SMCJ90A
C0
680
μF/25V
120
μF/50V
120
μF/100V
C1
1
μF/50V
1
μF/100V
LDM2
4.7
μH
CY1
1nF/2000V
CY2
1nF/2000V
Note: 1.In Figure 1,part①is EMS Recommended external circuit, part②is EMI recommended external circuit. Choose according to requirements.
2.
If there is no recommended parameters, the model no require the external component.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 2)
EMC MODULE RECOMMENDED CIRCUIT
E UT
GND
-Vo
+Vo
-Vin
+Vin
FT-A/ BX1D
Load
-Vo
(0 V)
+Vo
Vin
C
+
-Vin
+Vin
FU SE
Nominal Voltage<48V,C
≥330uF/50V
Nominal Voltage =48V,C
≥330uF/100V
FT-A/BX1D is MORNSUN
’s EFT suppresser
(Figure 3)


Similar Part No. - VRB2424ZP-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2424ZP-6WR3 MORNSUN-VRB2424ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results

Similar Description - VRB2424ZP-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com