Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB4805LD-30WR2 Datasheet(PDF) 7 Page - MORNSUN Science& Technology Ltd.

Part # VRB4805LD-30WR2
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB4805LD-30WR2 Datasheet(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  VRB4805LD-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRB_LD-30WR2
2013.12.11-A/3
Page7 of8
VRB_LD-30WHR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
DIN-rail modules are fitting to TS35 rails
Footprint Details
Pin
1
2
3
4
5
6
Function
Ctrl
GND
Vin
Trim
0V
+Vo
PACKAGE DIAGRAM
Special Package Series(A2S/A4S)
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
Trim APPLICATION& TRIM RESISTANCE
Application circuit for Trim (Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+ Vo
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
Formula for resistance of Trim
up:
a=
Vref
Vo
’-Vref
R1
R=
T
aR2
R -a
2
-R3
down:
a=
Vref
Vo
’-Vref
R2
R=
T
aR1
R -a
1
-R3


Similar Part No. - VRB4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB4805LD-30WR3 MORNSUN-VRB4805LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
More results

Similar Description - VRB4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com