Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB2424LD-50W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # VRB2424LD-50W
Description  REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2424LD-50W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  VRB2424LD-50W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB2424LD-50W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRB_LD-50W
3013.05.21-A/2
Page 1 of 7
VRB_LD-50W Series
50W,WIDE INPUT,ISOLATED &
REGULATED SINGLE OUTPUT DIP
PACKAGING, DC-DCCONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
VRB2405LD-50W
Rated Power
ackage
P
Output Volt age
Input Volt age
Product Series
PRODUCT FEATURES
● Efficiency up to 93%
● Ultra wide input range(2:1)
● High and low temperature characteristics
● Output short circuit protection
● Input over- under voltage protection
● Output over current protection
● Output over voltage protection
● 1.5KVDC isolation
● Operating temperature range:
-40
~+85
℃℃
● Six-sided metal shield
● Industry standard pinout
● Industrial level specifications
● Good EMC performance
● Inverse polarity protection for A2S(chassis
mounting)and A4S(DIN-Rail mounting)
APPLICATION
VRB_LD-50W series offer 50W of output, 18-36VDC,
36-75VDC, single output, and features 1500VDC isolation,
Six-sided metal shield, under over current and short circuit
protection.
All
models
are
particularly
suited
to
tele-communications, industrial, test equipments power etc.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Model
Nominal(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitor
Load
(
µF)
Efficiency
(%, Typ.)
@Max. Load
VRB2403LD-50W
3.3
10000
500
1511
50
27000
91
VRB2405LD-50W
5
10000
500
2240
70
18900
93
VRB2412LD-50W
12
4167
208
2240
85
3700
93
VRB2415LD-50W
15
3333
167
2240
85
2000
93
VRB2424LD-50W
24
(18-36)
24
2083
104
2240
85
40
1000
93
VRB4803LD-50W
3.3
10000
500
756
35
27000
91
VRB4805LD-50W
5
10000
500
1120
45
18900
93
VRB4812LD-50W
12
4167
208
1120
50
3700
93
VRB4815LD-50W
15
3333
167
1120
50
2000
93
VRB4824LD-50W
48
(36-75)
24
2083
104
1120
50
30
1000
93
Note: ① Series with suffix
“H” are heat sink mounting, series with suffix "A2S" are chassis mounting, with suffix "A4S" are DIN-Rail mounting, for example
VRB2405LD-50W HA2S is chassis mounting with heat sink, VRB2405LD-50WA4S is DIN-Rail mounting without heat sink. If the application has a higher
requirement for heat dissipation, you can choose modules with heat sink.
②The efficiency of "A2S" and "A4S" is approx. 2% lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
24VDC Input
-0.7
--
50
Input Surge Voltage(1sec. max.)
48VDC Input
-0.7
--
100
24VDC Input
--
--
18
Start-up Voltage
48VDC Input
--
--
36
24VDC Input
16
--
--
Input Under Voltage
Protection
Under Voltage Shutdown
48VDC Input
32
--
--
VDC


Similar Part No. - VRB2424LD-50W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2424LD-15WR2 MORNSUN-VRB2424LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
VRB2424LD-15WR3 MORNSUN-VRB2424LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
VRB2424LD-20WR2 MORNSUN-VRB2424LD-20WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRB2424LD-20WR3 MORNSUN-VRB2424LD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
VRB2424LD-30WR2 MORNSUN-VRB2424LD-30WR2 Datasheet
1Mb / 8P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - VRB2424LD-50W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com