Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB2424LD-20WR2 Datasheet(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Part # VRB2424LD-20WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2424LD-20WR2 Datasheet(HTML) 9 Page - MORNSUN Science& Technology Ltd.

  VRB2424LD-20WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. VRB2424LD-20WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_LD-20WR2 & VRB_LD-20W R2
2013.11.29-A/4
Page 9of9
Note:
1.Min. load shouldn't be less than 5%, otherwise ripple maybe increased dramatically, If the product operates under min. load, it may not be
guaranteed to meet all specification listed. Operation under minimum load will not damage the converter.
2.Recommended Dual output models unbalanced load:≤
±5%, If the product operates>±5%, it may not be guaranteed to meet all specification
Listed, please contact our technical person for more detail.
3.Max. Capacitive Load is tested at nominal input voltage and full load.
4.All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5.In this datasheet, all the test methods of indications are based on our corporate standards.
6.All characteristics are for listed model, non-standard models may perform differently, please contact our technical person for more detail.
7.Contact us for your specific requirement.
8.Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
(Table 1)
Vo
Parameter
3.3(VDC)
5(VDC)
12(VDC)
15(VDC)
24 (VDC)
R1(K
Ω)
4.801
2.883
10.971
14.497
24.872
R2(K
Ω)
2.863
2.864
2.864
2.864
2.863
R3(K
Ω)
15
10
17.8
17.8
20
Vref(V)
1.24
2.5
2.5
2.5
2.5
DESIGN CONSIDERATIONS
①Recommended circuit
All the VRA_LD-20WR2 & VRB_LD-20WR2 Series have been tested according to the following recommended testing circuit before leaving
factory (see Figure 3).
If you want to further decrease the input/output ripple, you can increase a capacitance properly or choose capacitors with low ESR, but the
greatest capacitance of its filter capacitor must less than the Max. Capacitive Load. The recommended capacitance of its filter capacitor sees
(Table 2).
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual Output
Single Output
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 2)
Note: # For each output.
②It is not recommended to increase the output power capability by connecting two or more converters in parallel.The product is not hot-
swappable
Single
Vout
(VDC)
Cout
(
µF)
Cin
(
µF)
Dual
Vout
(VDC)
Cout#
(
µF)
Cin
(
µF)
3.3/5
470
100
±5
220
100
12/15
220
±12/±15
100
24
100
±24
47


Similar Part No. - VRB2424LD-20WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2424LD-20WR3 MORNSUN-VRB2424LD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results

Similar Description - VRB2424LD-20WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com