Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFB2415CS-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WFB2415CS-2W
Description  2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WFB2415CS-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WFB2415CS-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WFB2415CS-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
WFB_CS-2W A/1-2010 Page 1 of 2
WFB_CS-2W Series
WIDE INPUT ISOLATED & REGULATED
2W OUTPUT SINGLE OUTPUT
MINIATURE SIP PACKAGE
Patent Protection RoHS
FEATURES
Wide (2:1) Input Range
2000VDC Isolation
Operating Temperature: -40°C to
+85°C
Short Circuit Protection
(Automatic Recovery)
External on/off
No heat sink required
Industry standard pinout, SIP-8
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The
WFB_CS-2W
Series
are
specially
designed for applications where a wide range
input voltage power supplies are isolated from the
input power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input voltage range:
2:1;
2) Where isolation is necessary between input
and output(Isolation Voltage≤2000VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
WFB2412CS-2W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com
PRODUCT PROGRAM
Part
Number
Input
Output
Efficiency
(%, Typ)
Voltage (VDC)
No-load
Current
(mA .typ)
Voltage
(VDC)
Current (mA)
Nomina
Range l
Max*
Max
Min
WFB2412CS-2W
24
18-36
40
8
12
166
16
81
WFB2415CS-2W
15
133
13
80
WFB4812CS-2W
48
36-72
80
4
12
166
16
80
*Input voltage can’t exceed this value, or will cause the permanent damage.
COMMON SPECIFICATION
Output Short Circuit Protection
Continuous ,Automatic Recovery
Temperature Rise at Full Load
30°C (typ)
Cooling
Free Air Convection
Operating Temperature Range
-40°C~+85°C
Storage Temperature Range
-50°C ~+125°C
Lead Temperature***
300°C (1.5mm from case for 10 seconds)
Storage Humidity Range
≤ 95%
Case Material
Plastic (UL94-V0)
MTBF
>1,000,000 hours
Weigh
6g
***Lead Temperature 1.5mm from case for 10 seconds.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Flash tested for 60 seconds
2000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation Capacitance
Input/Output
80
PF
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See Below Products Program
0.2
2
W
Output Voltage Accuracy
Refer To Recommended Circuit
±1
±2
%
Load Regulation
From 10% To 100% Load
±0.5
±0.75
Line Regulation
Input Voltage From Low To High
±0.2
±0.5
Temperature Drift(Vout)
Refer To Recommended Circuit
±0.03 %/°C
Ripple
20MHz Bandwidth
30
50
mVp-p
Noise
20MHz Bandwidth
80
150
Switching Frequency
100% Load, Input Voltage range
80-550(PFM)
KHz
Note:
1.All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2.See below recommended circuits for more detail.


Similar Part No. - WFB2415CS-2W

ManufacturerPart #DatasheetDescription
logo
ITT Industries
WFB ITT-WFB Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Allied Components Inter...
WFB ALLIED-WFB Datasheet
431Kb / 1P
   Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
731Kb / 1P
   Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
744Kb / 1P
   Wound Ferrite Beads
WFB-1.5-281-1-RC ALLIED-WFB-1.5-281-1-RC Datasheet
431Kb / 1P
   Wound Ferrite Beads
More results

Similar Description - WFB2415CS-2W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
H0505S-2W REICU-H0505S-2W Datasheet
625Kb / 1P
   6000VDC Isolated 2W Single Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
IF0505S-2W REICU-IF0505S-2W Datasheet
2Mb / 1P
   3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRF0505S-2W REICU-WRF0505S-2W Datasheet
970Kb / 1P
   3000VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
F0505S-2W REICU-F0505S-2W Datasheet
1,006Kb / 1P
   3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com