Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB2412YMD-6WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VRB2412YMD-6WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2412YMD-6WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VRB2412YMD-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB2412YMD-6WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_YMD-6WR2 & VRB_YMD-6WR2
2013.12.02-B/0
Page 2 of 7
Note:① series with suffix "A2S" are chassis mounting, with suffix "A4S" are DIN-Rail mounting, for example VRB2405YMD-6WR2A2S is chassis mounting,
VRB2405YMD-6WR2A4S is DIN-Rail mounting.
②Absolute maximum rating without damage on the converter, but it isn't recommended.
③For dual output converter, the given value is the same for each output.
The efficiency of "A2S" and "A4S" is approx. 4%(12V input) lower, 2%(24V and 48V input) lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1sec. max.)
12VDC input
-0.7
--
25
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Start-up Voltage
12VDC input
--
--
9
24VDC input
--
--
18
48VDC input
--
--
36
Input Filter
Pi Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±2
%
Output Voltage Balance
Dual output, balanced Loads
--
±0.5
±1.5
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.5
±1
Cross Regulation
Dual output, main output 50% load,
secondary output from 10% to 100% load
--
--
±5
Transient Recovery Time
25% load step change
--
300
500
µs
Transient Response Deviation
--
±3
±5
%
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Ripple&Noise*
20MHz bandwidth
--
50
75
mVp-p
Output Over Voltage Protection
Input voltage range
110
120
140
%Vo
Output Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with "parallel cable" method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output,1Tested for 1 minute , leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input-Output,1Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
1000
--
pF
Switching Frequency
PWM mode
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Safety approvals
EN60950
Case Material
Aluminum Alloy
Size
PCB mounting
25.4x25.4x11.7
mm
A2S chassis mounting
76.0x31.5x21.2
A4S DIN-Rail mounting
76.0x31.5x25.8
Weight
PCB mounting
--
13
--
g
A2S chassis mounting
--
35
--
A4S DIN-Rail mounting
--
55
--
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
Power derating (above 71℃, see Figure 4)
-40
--
85
°C
Storage Temperature
-55
--
125
Max. Case Temperature
Operating Temperature curve range
--
--
105
°C
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Vibration
10-55Hz, 10G, 30 Min. along X, Y andZ


Similar Part No. - VRB2412YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2412YMD-6WR3 MORNSUN-VRB2412YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
More results

Similar Description - VRB2412YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com