Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRA2415YMD-6WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # VRA2415YMD-6WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA2415YMD-6WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  VRA2415YMD-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRA2415YMD-6WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_YMD-6WR2 & VRB_YMD-6WR2
2013.12.02-B/0
Page 5 of 7
50
55
60
65
70
75
80
85
90
95
100
18
20
22
24
26
28
30
32
34
36
Input Voltage(V)
Efficiency VS Input Voltage curve
(Full Load)
VRB2405YMD-6WR2
50
55
60
65
70
75
80
85
90
95
100
18
20
22
24
26
28
30
32
34
36
Input Voltage(V)
Efficiency VS Input Voltage curve
(Full Load)
VRB2405YMD-6WR2
VRA_YMD-6WR2& VRB_YMD-6WR2 PCB MOUNTING OUTLINE DIMENSIONS,RECOMMENDED
FOOTPRINT
VRA_YMD-6WR2A2S& VRB_YMD-6WR2A2S CHASSIS MOUNTING OUTLINE DIMENSIONS
Footprint Details
Pin
1
2
3
4
5
6
Dual
NC
GND
Vin
-Vo
0V
+Vo
Single
NC
GND
Vin
0V
NC
+Vo
VRA_YMD-6WR2A4S& VRB_YMD-6WR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS


Similar Part No. - VRA2415YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA2415YMD-6WR3 MORNSUN-VRA2415YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
More results

Similar Description - VRA2415YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com