Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRA4805LD-30WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # VRA4805LD-30WR2
Description  DUAL OUTPUT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA4805LD-30WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  VRA4805LD-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRA4805LD-30WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_LD-30WR2
2013.09.24-A/0
Page5 of7
PCB MOUNTING (With heatsink)OUTLINE DIMENSIONS
VRA_LD-30WR2A2S CHASSIS MOUNTING OUTLINE DIMENSIONS
Footprint Details
Pin
1
2
3
4
5
6
Function
Ctrl
GND
Vin
-Vo
0V
+Vo
VRA_LD-30WR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
DIN-rail modules are fitting to TS35 rails
Footprint Details
Pin
1
2
3
4
5
6
Function
Ctrl
GND
Vin
-Vo
0V
+Vo


Similar Part No. - VRA4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA4805LD-15W MORNSUN-VRA4805LD-15W Datasheet
146Kb / 3P
   SINGLE/DUAL OUTPUT DC-DC CONVERTER
VRA4805LD-20W MORNSUN-VRA4805LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
VRA4805LD-20WR3 MORNSUN-VRA4805LD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results

Similar Description - VRA4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
IA0505S-1W MORNSUN-IA0505S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
GS2T48-D12 STMICROELECTRONICS-GS2T48-D12 Datasheet
30Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com