Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA10S-15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LCA10S-15
Description  Rugged PCB type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LCA10S-15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LCA10S-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCA10S-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCA10S-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
¡DERATING CURVE
¡RISE TIME & FALL TIME (LCA10S-5)
¡OVERCURRENT CHARACTERISTICS (LCA10S-5)
¡STATIC CHARACTERISTICS (LCA10S-5)
LCA
E-61
LCA10S
External view
Performance data


Similar Part No. - LCA10S-15

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
91Kb / 1P
   COPPER LUG-ONE-HOLE, STANDARD BARREL
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
LCA10-10F-L PANDUIT-LCA10-10F-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCA10-10H-L PANDUIT-LCA10-10H-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
More results

Similar Description - LCA10S-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F Datasheet
139Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LDA150W-24 ETC2-LDA150W-24 Datasheet
203Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEB100F RSG-LEB100F Datasheet
114Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LDA30F-5-SN ETC2-LDA30F-5-SN Datasheet
191Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEP100F RSG-LEP100F Datasheet
122Kb / 2P
   Rugged PCB type
LEA100F RSG-LEA100F Datasheet
140Kb / 2P
   Rugged PCB type
LEB150F RSG-LEB150F Datasheet
112Kb / 2P
   Rugged PCB type
LEP150F RSG-LEP150F Datasheet
122Kb / 2P
   Rugged PCB type
logo
MagnaChip Semiconductor...
MPMD150B120RH MGCHIP-MPMD150B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
MPMC200B120RH MGCHIP-MPMC200B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com