Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRA2405YMD-6WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # VRA2405YMD-6WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA2405YMD-6WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  VRA2405YMD-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRA2405YMD-6WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_YMD-6WR2 & VRB_YMD-6WR2
2013.12.02-B/0
Page 1 of 7
FEATURES
● 2:1 wide input voltage range
● Efficiency up to 88%
● 1.5KVDC isolation
● Short circuit protection
● Output over voltage protection
● Operating Temperature range:
-40
°C ~ +85°C
● Industry standard pinout
● Low ripple & noise
● Meet CISPR22/EN55022 CLASSA
● Inverse polarity protection for A2S ( chassis
mounting)and A4S(DIN-Rail mounting)
● Meet EN60950
APPLICATION
VRA_YMD-6WR2&VRB_YMD-6WR2
series
models
provide
6 Watt output power,
with 2:1
wide range
of
9-18VDC,18-36VDC,36-75VDC,output
over-voltage
and
short-circuit
protection.
And
all
of
them
can
meet
CISPR22/EN55022 CLASSA without external circuit. Typical
applications for these converters are industrial, electric power,
instrumentation, telecommunication.
VRA_YMD-6WR2&
VRB_YMD-6WR2 Series
6W,WIDE INPUT ISOLATED&
REGULATED DUAL/SINGLE OUTPUT
DIP PACKAGING, DC-DC CONVERTER
Patent Protected RoHS
PART NUMBER SYSTEM
VRB1205YMD-6WR2
Rated Power
P ackage
O utput Vol tage
Input Voltage
P roduct S eries
SELECTION GUIDE
Model
Input Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%, Typ.)
@Max.
Load
Approval
Nominal
(Range)
Max.
Max.
Min.
@Max.
Load
@No
Load
VRA1205YMD-6WR2
12
(9-18)
20
±5
±600
±30
617
12
20
470
81
CE
VRA1212YMD-6WR2
±12
±250
±12
588
100
85
VRA1215YMD-6WR2
±15
±200
±10
588
100
85
VRB1203YMD-6WR2
3.3
1500
75
528
1800
76
VRB1205YMD-6WR2
5
1200
60
617
1000
81
VRB1212YMD-6WR2
12
500
25
588
100
85
VRB1215YMD-6WR2
15
400
20
588
100
85
VRB1224YMD-6WR2
24
250
12
581
47
86
VRA2405YMD-6WR2
24
(18-36)
40
±5
±600
±30
301
7
470
83
VRA2412YMD-6WR2
±12
±250
±12
287
100
87
VRA2415YMD-6WR2
±15
±200
±10
287
100
87
VRA2424YMD-6WR2
±24
±125
±6
285
47
87
VRB2403YMD-6WR2
3.3
1500
75
261
1800
79
VRB2405YMD-6WR2
5
1200
60
301
1000
83
VRB2412YMD-6WR2
12
500
25
287
100
87
VRB2415YMD-6WR2
15
400
20
287
100
87
VRB2424YMD-6WR2
24
250
12
287
47
87
VRA4805YMD-6WR2
48
(36-75)
80
±5
±600
±30
151
5
470
83
VRA4812YMD-6WR2
±12
±250
±12
143
100
87
VRA4815YMD-6WR2
±15
±200
±10
142
100
88
VRA4824YMD-6WR2
±24
±125
±6
142
47
88
VRB4803YMD-6WR2
3.3
1500
75
130
3
1800
79
VRB4805YMD-6WR2
5
1200
60
151
1000
83
VRB4812YMD-6WR2
12
500
25
143
100
87
VRB4815YMD-6WR2
15
400
20
142
100
88
VRB4824YMD-6WR2
24
250
12
142
47
88


Similar Part No. - VRA2405YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA2405YMD-6WR3 MORNSUN-VRA2405YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
More results

Similar Description - VRA2405YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com