Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR150 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR150
Description  3.125 Gbps LVDS Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR150 Datasheet(HTML) 4 Page - Texas Instruments

  DS25BR150 Datasheet HTML 1Page - Texas Instruments DS25BR150 Datasheet HTML 2Page - Texas Instruments DS25BR150 Datasheet HTML 3Page - Texas Instruments DS25BR150 Datasheet HTML 4Page - Texas Instruments DS25BR150 Datasheet HTML 5Page - Texas Instruments DS25BR150 Datasheet HTML 6Page - Texas Instruments DS25BR150 Datasheet HTML 7Page - Texas Instruments DS25BR150 Datasheet HTML 8Page - Texas Instruments DS25BR150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS25BR150
SNLS257D – APRIL 2007 – REVISED MAY 2011
www.ti.com
DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT DC SPECIFICATIONS (OUT+, OUT-)
VOD
Differential Output Voltage
250
350
450
mV
RL = 100Ω
ΔVOD
Change in Magnitude of VOD for Complimentary
-35
35
mV
Output States
VOS
Offset Voltage
1.05
1.2
1.375
V
RL = 100Ω
ΔVOS
Change in Magnitude of VOS for Complimentary
-35
35
mV
Output States
IOS
Output Short Circuit Current (4)
OUT to GND
-25
-50
mA
OUT to VCC
7.5
50
mA
COUT
Output Capacitance
Any LVDS Output Pin to GND
1.2
pF
ROUT
Output Termination Resistor
Between OUT+ and OUT-
100
Ω
LVDS INPUT DC SPECIFICATIONS (IN+, IN-)
VID
Input Differential Voltage
0
1
V
VTH
Differential Input High Threshold
VCM = +0.05V or VCC-0.05V
0
+100
mV
VTL
Differential Input Low Threshold
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100 mV
0.05
VCC -
V
0.05
VIN = 3.6V or 0V
±1
±10
μA
IIN
Input Current
VCC = 3.6V or 0V
CIN
Input Capacitance
Any LVDS Input Pin to GND
1.7
pF
RIN
Input Termination Resistor
Between IN+ and IN-
100
Ω
SUPPLY CURRENT
ICC
Supply Current
27
35
mA
(1)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: DS25BR150


Similar Part No. - DS25BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR150 NSC-DS25BR150 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
DS25BR150TSD NSC-DS25BR150TSD Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR150TSD NSC-DS25BR150TSD Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR150TSD NSC-DS25BR150TSD Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR150TSD NSC-DS25BR150TSD Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
More results

Similar Description - DS25BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
[Old version datasheet]   DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
[Old version datasheet]   DS30BA101 3.125 Gbps Differential Buffer
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com