Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB1224LD-15WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VRB1224LD-15WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB1224LD-15WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VRB1224LD-15WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. VRB1224LD-15WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_LD-15WR2 & VRB_LD-15WR2
2013.11.29-A/4
Page 2of9
CE
VRA4805LD-15WR2
48
(36-75)
80
±5
±1500
±75
363
20
30
1020
86
VRA4812LD-15WR2
±12
±625
±32
355
15
495
88
VRA4815LD-15WR2
±15
±500
±25
355
15
165
88
VRA4824LD-15WR2
±24
±313
±16
355
15
200
88
VRB4803LD-15WR2
3.3
4000
200
316
35
10500
87
VRB4805LD-15WR2
5
3000
150
360
35
4020
87
VRB4812LD-15WR2
12
1250
63
352
25
1035
89
VRB4815LD-15WR2
15
1000
50
348
15
705
90
VRB4824LD-15WR2
24
625
32
352
15
250
89
Note: ①Series with suffix
“H” are heat sink mounting; series with suffix “A2S” are chassis mounting,with suffix “A4S” are DIN-Rail mounting, for example VRB2405LD-
15WHR2A2S is chassis mounting of with heat sink,VRB2405LD-15WR2A4S is DIN-Rail mounting of without heat sink;If the application has a higher
requirement for heat dissipation, you can choose modules with heat sink;
②Absolute maximum rating without damage on the converter;
③For dual-output-converters the given value is for one output (for both outputs the same value);
④The efficiency of "A2S" and "A4S" is approx. 2% lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1sec.max.)
12VDC input
-0.7
--
25
VDC
24VDC input
-0.7
--
50
48VDC input
-0.7
--
100
Start-up Voltage
12VDC input
--
--
9
24VDC input
--
--
17.8
48VDC input
--
--
35.8
Under Voltage Shutdown
12VDC input
7.5
--
--
24VDC input
16
--
--
48VDC input
32
--
--
Start-up Time
Nominal input& constant resistance load
--
10
--
ms
Ctrl*
Models ON
Ctrl open or connect TTL high level (2.5-12VDC)
Models OFF
Ctrl connect GND or low level (0-1.2VDC)
Input current (Models OFF)
--
1
--
mA
Input Filter
Pi Filter
Note: *The
Ctrl control pin voltage is refer to GND.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Positive Voltage Accuracy
--
±1
±3
%
Negative Voltage Accuracy
Output Voltage Balance
Dual output, balanced loads
--
±0.5
±1
Line Regulation
Full load, input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.5
±1
Cross Regulation
Dual output, main output 50% load,
Supplement output from 10% to 100% load
--
--
±5
Transient Recovery Time
25% load step change
--
300
500
µs
Transient Response Deviation
--
±3
±5
%
Temperature Drift
Full load
--
±0.02
--
%/
°C
Ripple & Noise*
20MHz bandwidth
--
70
100
mVp-p
Trim
--
±10%
--
VDC
Output Over Voltage Protection
3.3VDC output
--
3.9
--
5VDC output
--
6.2
--
12VDC output
--
15
--
15VDC output
--
18
--
24VDC output
--
30
--
Over Current Protection
Input voltage range
--
150
--
%
Short Circuit Protection
Hiccup, Continuous, automatic recovery
Note: * Ripple and noise tested by
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes .


Similar Part No. - VRB1224LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1224LD-20WR2 MORNSUN-VRB1224LD-20WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - VRB1224LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com