Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRA2405(X)D-10WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # VRA2405(X)D-10WR2
Description  negative dual/single output DC-DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA2405(X)D-10WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  VRA2405(X)D-10WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA2405(X)D-10WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA2405(X)D-10WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA2405(X)D-10WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA2405(X)D-10WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA2405(X)D-10WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
VRA_(X)D-10WR2 & VRB_(X)D-10WR2 Series
2014.03.27-B/0
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
10W,wide input isolated & regulated positive and
negative dual/single output DC-DC converter
Patent Protection RoHS
FEATURES
Wide range of input voltage (2:1)
Efficiency up to90%
Isolation voltage :1.5K VDC
Short circuit protection
Output over-voltage protection
Operating temperature range: -40°C to+85°C
Six-sided metal shielding package
International standard pin-out
Low ripple & noise
Meet CISPR22/EN55022 CLASS A
A2S (
wring mounting) and A4S (35mm rail
mounting) products featuring anti-reverse
connection for input
Meet
EN60950
VRA_(X)D-10WR2 & VRB_(X)D-10WR2 series products are of 10W output power, extremely wide range of voltage input of 9-18VDC,
18-36VDC,
36-75VDC isolation voltage of 1500VDC, output over-voltage protection and output short circuit protection with the bare
component in compliance with CISPR22/EN55022 CLASS A; these products are widely used in fields such as industrial control, electric power,
instruments and communication.
Selection Guide
Part No.
Input Voltage(VDC)
Output
Efficiency
(%,Typ.)
@ Full Load
Max.
Capacitive
Load
(μF)
certification
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current
(mA)
(Max./Min.)
VRA1205(X)D-10WR2
12V
(9-18)
20
±5
±1000/±50
82
680
VRA1212(X)D-10WR2
±12
±416/±21
86
220
VRA1215(X)D-10WR2
±15
±333/±16
87
100
VRA1224(X)D-10WR2
±24
±208/±10
87
47
VRB1203(X)D-10WR2
3.3
2400/120
77
2200
VRB1205(X)D-10WR2
5
2000/100
82
2200
CE
VRB1212(X)D-10WR2
12
833/42
86
470
CE
VRB1215(X)D-10WR2
15
667/33
87
220
VRB1224(X)D-10WR2
24
416/21
88
100
VRA2405(X)D-10WR2
24V
(18-36)
40
±5
±1000/±50
83
680
CE
VRA2412(X)D-10WR2
±12
±416/±21
86
330
CE
VRA2415(X)D-10WR2
±15
±333/±16
88
220
CE
VRA2424(X)D-10WR2
±24
±208/±10
87
100
VRB2403(X)D-10WR2
3.3
2400/120
77
2200
VRB2405(X)D-10WR2
5
2000/100
84
2200
CE
VRB2412(X)D-10WR2
12
833/42
88
680
CE
VRB2415(X)D-10WR2
15
667/33
90
330
CE
VRB2424(X)D-10WR2
24
416/21
87
100
CE
VRA4805(X)D-10WR2
48V
(36-75)
80
±5
±1000/±50
83
680
VRA4812(X)D-10WR2
±12
±416/±21
88
470
CE
VRA4815(X)D-10WR2
±15
±333/±16
89
220
VRA4824(X)D-10WR2
±24
±208/±10
88
100
VRB4803(X)D-10WR2
3.3
2400/120
78
2200
VRB4805(X)D-10WR2
5
2000/100
82
2200
CE
VRB4812(X)D-10WR2
12
833/42
88
820
CE


Similar Part No. - VRA2405(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA2405D-10W MORNSUN-VRA2405D-10W Datasheet
522Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRA2405D-20W MORNSUN-VRA2405D-20W Datasheet
172Kb / 2P
   SINGLE&DUAL OUTPUT DC-DC CONVERTER
VRA2405D-5W MORNSUN-VRA2405D-5W Datasheet
255Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRA2405LD-15W MORNSUN-VRA2405LD-15W Datasheet
146Kb / 3P
   SINGLE/DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-15WR2 MORNSUN-VRA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
More results

Similar Description - VRA2405(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com