Electronic Components Datasheet Search |
|
VRB1205LD-15WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd. |
|
VRB1205LD-15WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd. |
3 / 9 page The copyright and authority for the interpretation of the products are reserved by MORNSUN VRA_LD-15WR2 & VRB_LD-15WR2 2013.11.29-A/4 Page 3of9 COMMON SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Isolation Voltage Input-Output, tested for 1 minute and leakage current less than 1 mA 1500 -- -- VDC Isolation Resistance Input-Output, test at 500VDC 1000 -- -- M Ω Isolation Capacitance Input-Output,100KHz/0.1V 24VDC output -- 2000 -- pF Others -- 1000 -- Switching Frequency PWM mode -- 300 -- KHz MTBF MIL-HDBK-217F@25℃ 1000 -- -- K hours Safety approvals EN60950 Case Material Aluminum Alloy Size PCB mounting (Without heat sink) 50.80 ×25.40×11.80 mm PCB mounting (With heat sink) 50.80 ×25.40×16.30 A2S Chassis mounting(Without heat sink) 76.00 ×31.50×21.20 A2S Chassis mounting(With heat sink) 76.00 ×31.50×25.10 A4S DIN-Rail mounting(Without heat sink) 76.00 ×31.50×25.80 A4S DIN-Rail mounting(With heat sink) 76.00 ×31.50×29.70 Weight PCB mounting (Without heat sink) -- 28 -- g PCB mounting (With heat sink) -- 36 -- A2S Chassis mounting(Without heat sink) -- 50 -- A2S Chassis mounting(With heat sink) -- 58 -- A4S DIN-Rail mounting(Without heat sink) -- 70 -- A4S DIN-Rail mounting(With heat sink) -- 78 -- ENVIRONMENTAL SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Storage Humidity Non condensing 5 -- 95 % Operating Temperature See Temperature Derating Curve(Figure3) -40 -- 85 °C Storage Temperature -55 -- 125 The Max. Case Temperature Operating Temperature curve range -- -- 105 Lead Temperature 1.5mm from case for 10 seconds -- -- 300 Cooling Free air convection Vibrating 10-55Hz, 10G, 30 Min. along X, Y andZ EMC SPECIFICATIONS EMI CE CISPR22/EN55022 CLASSA(Without External Circuit)/ CLASSB(External Circuit Refer to Figure1-②) RE CISPR22/EN55022 CLASSA(Without External Circuit)/ CLASSB(External Circuit Refer to Figure1-②) EMS ESD IEC/EN61000-4-2 Contact ±4KV perf. CriteriaB RS IEC/EN61000-4-3 10V/m perf. CriteriaA EFT IEC/EN61000-4-4 ±2KV(External Circuit Refer to Figure1-①) perf. CriteriaB Surge IEC/EN61000-4-5 ±2KV(External Circuit Refer to Figure1-①) perf. CriteriaB CS IEC/EN61000-4-6 3 Vr.m.s perf. CriteriaA Voltage dips、short and interruptions immunity IEC/EN61000-4-29 0%-70% perf. CriteriaB EMC RECOMMENDED CIRCUIT L DM2 ② C0 TVS L DM1 MOV FU SE ① C1 V in GND + Vin GND +Vo -Vo (0 V) EUT L OAD CY1 C Y2 (Figure 1) Note: 1. In Figure 1,part ① is EMS recommended external circuit, part ② is EMI recommended external circuit. Choose according to requirements. 2. If there is no recommended parameters, the model no require the external component. Recommended external circuit parameters: Model Vin:12V Vin:24V Vin:48V FUSE Choose according to practical input current MOV -- S14K35 S14K60 LDM1 -- 56 μH TVS SMCJ28A SMCJ48A SMCJ90A C0 680 μF/25V 330 μF/50V 330 μF/100V C1 1 μF /50V 1 μF /50V 1 μF /100V LDM2 4.7 μH CY1、CY2 1nF/2KV |
Similar Part No. - VRB1205LD-15WR2 |
|
Similar Description - VRB1205LD-15WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |