Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8838 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8838
Description  Low-Voltage H-Bridge Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8838 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8838 Datasheet HTML 5Page - Texas Instruments DRV8838 Datasheet HTML 6Page - Texas Instruments DRV8838 Datasheet HTML 7Page - Texas Instruments DRV8838 Datasheet HTML 8Page - Texas Instruments DRV8838 Datasheet HTML 9Page - Texas Instruments DRV8838 Datasheet HTML 10Page - Texas Instruments DRV8838 Datasheet HTML 11Page - Texas Instruments DRV8838 Datasheet HTML 12Page - Texas Instruments DRV8838 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Over-
Temp
OUT1
OUT2
GND
VM
VM
VM
Gate
Drive
Logic
Osc
OCP
DCM
Charge
Pump
IN1
0 to 11 V
1.8 to 7 V
IN2
nSLEEP
VCC
VCC
VM
Gate
Drive
OCP
B0479-01
DRV8837, DRV8838
www.ti.com
SLVSBA4C – JUNE 2012 – REVISED FEBRUARY 2014
7 Detailed Description
7.1 Overview
The DRV883x is a H-bridge driver that can drive one DC motor or other devices like solenoids. The outputs are
controlled using either a PWM interface (IN1/IN2) on the DRV8837 or a PH/EN interface on the DRV8838.
A low-power sleep mode is included, which can be enabled using the nSLEEP pin.
These devices greatly reduce the component count of motor driver systems by integrating the necessary driver
FETs and FET control circuitry into a single device. In addition, the DRV883x adds protection features above
traditional discrete implementations: undervoltage lockout, overcurrent protection, and thermal shutdown.
7.2 Functional Block Diagram
Figure 4. DRV8837 Functional Block Diagram
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8837 DRV8838


Similar Part No. - DRV8838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8838DSGR TI1-DRV8838DSGR Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
DRV8838DSGT TI1-DRV8838DSGT Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
More results

Similar Description - DRV8838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
   Low voltage H-bridge driver chip
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Shenzhen Huazhimei Semi...
HM2510 HMSEMI-HM2510 Datasheet
763Kb / 9P
   Low voltage dual channel H-bridge driver
HM8837A HMSEMI-HM8837A Datasheet
1Mb / 12P
   Low-voltage H-bridge motor driver chip
logo
New Japan Radio
NJU7381A NJRC-NJU7381A Datasheet
689Kb / 11P
   LOW VOLTAGE OPERATION DUAL H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com