Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB1224D-10W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VRB1224D-10W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB1224D-10W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VRB1224D-10W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB1224D-10W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB1224D-10W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB1224D-10W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB1224D-10W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_LD-15W&VRB_LD-15W
B/2-2012
Page 2 of 5
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
12VDC Input Models
-0.7
--
25
24VDC Input Models
-0.7
--
50
Input Surge Voltage (1000 ms)
48VDC Input Models
-0.7
--
100
12VDC Input Models
--
--
9
24VDC Input Models
--
--
18
Start-up Voltage
48VDC Input Models
--
--
36
12VDC Input Models
--
--
9
24VDC Input Models
--
--
18
Under Voltage Shutdown
48VDC Input Models
--
--
36
VDC
Start-up Time
Nominal input& constant resistance load
--
10
--
ms
Short Circuit Input Power
--
--
3.5
W
No-load power consumption
--
500
--
mW
Input Filter
L Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Power
1
--
10
W
Positive voltage accuracy
--
±1
±3
Negative voltage accuracy
Refer to recommended circuit
--
±3
±5
Output Voltage Balance
Dual Output, Balanced Loads
--
±0.5
±1
Line Regulation
For Vin change of
±1%
--
±0.2
±0.5
Load Regulation
10% to 100% load
--
±0.5
±1
Cross Regulation
Dual output
--
--
±5
%
Transient Recovery Time
--
200
500
µs
Transient Response Deviation
25%~50%~25% rated load or
50%~75%~50% rated load range
--
±3
±5
%
Temperature Drift
100% full load
--
--
±0.03
%/
°C
Ripple *
--
30
50
Noise *
20MHz Bandwidth
--
100
300
mVp-p
Over Current Protection
Full input voltage
120
--
--
%
Short Circuit Protection
Continuous, automatic recovery
Note: Dual output models unbalanced load:
±5%.
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input/Output,100KHz/0.1V
--
1000
--
pF
Switching Frequency
Full load, nominal input
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Aluminium alloy
Weight
--
23.5
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
--
--
95
%
Operating Temperature
Power derating (above 71)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise allowed at full load
Operating Temperature curve range
--
75
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection


Similar Part No. - VRB1224D-10W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1224D-20W MORNSUN-VRB1224D-20W Datasheet
172Kb / 2P
   SINGLE&DUAL OUTPUT DC-DC CONVERTER
VRB1224D-30W MORNSUN-VRB1224D-30W Datasheet
106Kb / 2P
   DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
VRB1224D-5W MORNSUN-VRB1224D-5W Datasheet
255Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - VRB1224D-10W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com