Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8837 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8837
Description  Low-Voltage H-Bridge Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8837 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8837 Datasheet HTML 1Page - Texas Instruments DRV8837 Datasheet HTML 2Page - Texas Instruments DRV8837 Datasheet HTML 3Page - Texas Instruments DRV8837 Datasheet HTML 4Page - Texas Instruments DRV8837 Datasheet HTML 5Page - Texas Instruments DRV8837 Datasheet HTML 6Page - Texas Instruments DRV8837 Datasheet HTML 7Page - Texas Instruments DRV8837 Datasheet HTML 8Page - Texas Instruments DRV8837 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PWM
or
PH and EN
nSLEEP
0 to 11 V
M
DRV8837
and
DRV8838
Brushed DC
Motor Driver
1.8 A
1.8 to 7 V
VCC
VM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8837, DRV8838
SLVSBA4C – JUNE 2012 – REVISED FEBRUARY 2014
DRV883x Low-Voltage H-Bridge Driver
1 Features
3 Description
The DRV883x provides an integrated motor driver
1
H-Bridge Motor Driver
solution for cameras, consumer products, toys, and
Drives a DC Motor or Other Loads
other low-voltage or battery-powered motion control
Low MOSFET On-resistance: HS + LS
applications. The device can drive one DC motor or
280 m
Ω
other devices like solenoids. The output driver block
consists of N-channel power MOSFET’s configured
1.8-A Maximum Drive Current
as an H-bridge to drive the motor winding. An internal
Separate Motor and Logic Supply Pins:
charge pump generates needed gate drive voltages.
Motor VM: 0 to 11 V
The DRV883x can supply up to 1.8 A of output
Logic VCC: 1.8 to 7 V
current. It operates on a motor power supply voltage
PWM or PH/EN Interface
from 0 to 11 V, and a device power supply voltage of
1.8 V to 7.0 V.
DRV8837: PWM, IN1/IN2
The DRV8837 has a PWM (IN/IN) input interface; the
DRV8838: PH/EN
DRV8837
has
a
PH/EN
input
interface.
Both
Low-power Sleep Mode With 120-nA Maximum
interfaces
are
compatible
with
industry-standard
Sleep Current
devices.
nSLEEP pin
Internal
shutdown
functions
are
provided
for
Small Package and Footprint
overcurrent
protection,
short
circuit
protection,
8 WSON (PowerPAD™)
undervoltage lockout, and overtemperature.
2.0 × 2.0 mm
Device Information
Protection Features
ORDER NUMBER
PACKAGE
BODY SIZE
VCC Undervoltage Lockout (UVLO)
DRV8837DSGR
WSON (8)
2.0 × 2.0 mm
Overcurrent Protection (OCP)
DRV8838DSGR
WSON (8)
2.0 × 2.0 mm
Thermal Shutdown (TSD)
2 Applications
Cameras
DSLR Lenses
Consumer Products
Toys
Robotics
Medical Devices
DRV883x
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI-DRV8837 Datasheet
3Mb / 56P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837 TI1-DRV8837 Datasheet
3Mb / 61P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
DRV8837C TI-DRV8837C Datasheet
3Mb / 56P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI1-DRV8837C Datasheet
3Mb / 61P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
More results

Similar Description - DRV8837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
   Low voltage H-bridge driver chip
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Shenzhen Huazhimei Semi...
HM2510 HMSEMI-HM2510 Datasheet
763Kb / 9P
   Low voltage dual channel H-bridge driver
HM8837A HMSEMI-HM8837A Datasheet
1Mb / 12P
   Low-voltage H-bridge motor driver chip
logo
New Japan Radio
NJU7381A NJRC-NJU7381A Datasheet
689Kb / 11P
   LOW VOLTAGE OPERATION DUAL H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com