Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URA4812LD-20W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URA4812LD-20W
Description  REGULATEDDUAL OUTPUT DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4812LD-20W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URA4812LD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA4812LD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4812LD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4812LD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4812LD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4812LD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-15W&URA_LD-20W
2013.06.13-B/1
Page 3 of 6
EMC RECOMMENDED CIRCUIT
Vin
G ND
+Vo
-Vo
(0 V)
EUT
L O AD
C2
L CM
C0
TVS
L DM
MOV
FUSE
C1
C4
Vin
G ND
C3
(Figure1)
URA_LD-15W recommended external circuit parameters:
Model
URA24_LD-15W
URA48_LD-15W
FUSE
Choose according to load
MOV
S10K35
S10K60
LDM
56
μH
56
μH
TVS
SMCJ48A
SMCJ90A
EMS
C0
120
μF/50V
120
μF/100V
C1
4.7
μF/50V
1
μF/100V
LCM
1250
μH
1250
μH
C2
4.7
μF/50V
1
μF/100V
C3
1000pF/2KV
1000pF/2KV
EMI
C4
1000pF/2KV
1000pF/2KV
URA_LD-20W recommended external circuit parameters:
Model
URA24_LD-20W
URA48_LD-20W
FUSE
Choose according to load
MOV
S10K35
S10K60
LDM
56
μH
56
μH
TVS
SMCJ48A
SMCJ90A
EMS
C0
120
μF/50V
120
μF/100V
C1
4.7
μF/50V
4.7
μF/100V
EMI
C2
--
4.7
μF/100V
This common choke LCM has been defined as follow
(Can be assembled by hand):
u
Core:P5T,14*8*7,Base(Optical)
L:1250
µH ±25%,DCR:250mΩ(max.)
u
Wire: diameter 0.4mm
Ø
A Height:11.2mm(max.)
Ø
B Terminal Length: 4.0mm(max.)
Ø
C Terminal Pitch: 7.5mm(max.)
Ø
D Terminal Pitch: 7.5mm(max.)
u
Test condition: 100KHz/100mV
u
Recommended through hole:
Ø0.9mm
u
All dimensions in millimeters
Note: 1. In Figure 1,part① is EMS recommended external circuit, part② is EMI recommended external circuit. Choose according to requirements.
2. If there is no recommended parameters, the model no require the external component.
EMC RECOMMENDED CIRCUIT PCB LAYOUT


Similar Part No. - URA4812LD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4812LD-20WR2 MORNSUN-URA4812LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
URA4812LD-20WR3 MORNSUN-URA4812LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
URA4812LD-20WR3 MORNSUN-URA4812LD-20WR3 Datasheet
3Mb / 9P
   DC/DC Converter
More results

Similar Description - URA4812LD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-5W MICRODC-WRA-YMD-5W Datasheet
556Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com