Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV508 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV508
Description  High Voltage Liquid Crystal Shutter Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508 Datasheet(HTML) 2 Page - Supertex, Inc

  HV508 Datasheet HTML 1Page - Supertex, Inc HV508 Datasheet HTML 2Page - Supertex, Inc HV508 Datasheet HTML 3Page - Supertex, Inc HV508 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV508
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Ordering Information
Device
8-Lead SOIC (Narrow Body)
4.90x3.90mm body,
1.75mm height (max)
1.27mm pitch
HV508
HV508LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
HV
IN, high voltage input
+60V
LV
IN, low voltage input
+7.5V
V
DD, logic supply voltage
+12V
Operating temperature
-5.0°C to +60°C
Storage temperature
-65°C to +150°C
Soldering temperature1
+300°C
Power dissipation2
700mW
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Notes:
Distance of 1.6mm from case for 10 seconds.
For operation above 25OC ambient, derate linearly at 6.0mW/OC.
1.
2.
Pin Configuration
1
2
3
4
8
7
6
5
LVIN
POL
HVEN
GND
HVOUT1
HVIN
VDD
HVOUT2
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Logic supply voltage
5.0
-
10.0
V
---
LV
IN
Low output supply voltage
3.0
-
6.0
V
---
HV
IN
High output supply voltage
5.0
-
45
V
---
V
IL
Logic input voltage low
0
-
0.3V
DD
V
---
V
IH
Logic input voltage high
0.7V
DD
-
V
DD
V
---
T
A
Ambient temperature
-5.0
-
+60
°C
---
8-Lead SOIC (LG)
(top view)
Product Marking
8-Lead SOIC (LG)
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV508
LLLL
Sym
Parameter
Min
Typ
Max
Units Conditions
I
HVQ
HV
IN quiescent current
-
-
10
µA
---
I
LVQ
LV
IN quiescent current
-
-
10
µA
---
I
DDQ
V
DD quiescent current
-
-
10
µA
---
I
HV
HV
IN operating current
-
-
2.8
mA
POL = 100Hz, HV
EN = high, TA = 25
O
C, Load = 1MΩ
in parallel with 0.1µF between HV
OUT1 and HVOUT2
I
LV
LV
IN operating current
-
-
380
µA
POL = 100Hz, HV
EN = low, TA = 25
O
C, Load = 1MΩ
in parallel with 0.1µF between HV
OUT1 and HVOUT2
I
IL
Logic input current low
-5.0
-
-
µA
---
I
IH
Logic input current high
-
-
5.0
µA
---
C
LOAD
Output capacitive load*
0
-
0.25
µF
C
LOAD in parallel with a 1.0MΩ resistor
*
The device can operate continuously in this range without damage. AC limits are not implemented.
DC Electrical Characteristics (over operating supply voltages unless otherwise specified, T
A = -5°C to +60°C)
Package may or may not include the following marks: Si or


Similar Part No. - HV508

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
   High Voltage Liquid Crystal Shutter Driver
HV508LG SUTEX-HV508LG Datasheet
429Kb / 3P
   High Voltage Liquid Crystal Shutter Driver
HV508LG-G SUTEX-HV508LG-G Datasheet
582Kb / 4P
   High Voltage, Liquid Crystal Shutter Driver
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
   High Voltage, Liquid Crystal Shutter Driver
More results

Similar Description - HV508

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
   High Voltage Liquid Crystal Shutter Driver
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
   High Voltage, Liquid Crystal Shutter Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
   High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
National Semiconductor ...
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
   MM5483 Liquid Crystal Display Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com