Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8601 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8601
Description  Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8601 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8601 Datasheet HTML 1Page - Texas Instruments DRV8601 Datasheet HTML 2Page - Texas Instruments DRV8601 Datasheet HTML 3Page - Texas Instruments DRV8601 Datasheet HTML 4Page - Texas Instruments DRV8601 Datasheet HTML 5Page - Texas Instruments DRV8601 Datasheet HTML 6Page - Texas Instruments DRV8601 Datasheet HTML 7Page - Texas Instruments DRV8601 Datasheet HTML 8Page - Texas Instruments DRV8601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DRV8601
SLOS629B
– JULY 2010 – REVISED JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Pin Functions
PIN
INPUT/OUTPUT/
DESCRIPTION
POWER (I/O/P)
NAME
BALL (ZQV)
PIN (DRB)
IN1
C3
4
I
Input to driver
IN2
C2
3
I
Input to driver
OUT+
B3
5
O
Positive output
OUT-
A1
8
O
Negative output
REFOUT
C1
2
O
Reference voltage output
EN
B1
1
I
Chip enable
VDD
A3
6
P
Supply voltage
GND
B2
7
P
Ground
ORDERING INFORMATION
MicroStar Junior
QFN Package
(ZQV)
(DRB)
Device
DRV8601ZQVR(1)(2)
DRV8601DRB(2)
Symbolization
HSMI
8601
(1)
The ZQV packages are only available taped and reeled. The suffix R
designates taped and reeled parts in quantities of 2500.
(2)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document or visit the
TI website at www.ti.com
THERMAL INFORMATION
DRV8601
THERMAL METRIC(1)
UNITS
ZQV (8 BALLS)
DRB (8 PINS)
θJA
Junction-to-ambient thermal resistance
78
52.8
θJCtop
Junction-to-case (top) thermal resistance
155
63
θJB
Junction-to-board thermal resistance
65
28.4
°C/W
ψJT
Junction-to-top characterization parameter
5
2.7
ψJB
Junction-to-board characterization parameter
50
28.6
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
11.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8601


Similar Part No. - DRV8601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8601 TI1-DRV8601 Datasheet
963Kb / 20P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI-DRV8601 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601DRBR TI1-DRV8601DRBR Datasheet
963Kb / 20P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601DRBR TI-DRV8601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601DRBT TI1-DRV8601DRBT Datasheet
963Kb / 20P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
More results

Similar Description - DRV8601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8601 TI1-DRV8601 Datasheet
963Kb / 20P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI-DRV8601_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
   Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
   FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Fairchild Semiconductor
FAH4820 FAIRCHILD-FAH4820 Datasheet
1Mb / 14P
   Direct Driver for DC Motors (ERMs)
logo
ON Semiconductor
CAT3211 ONSEMI-CAT3211 Datasheet
373Kb / 14P
   Programmable Haptic Driver for Rotary DC Motors
April, 2013 ??Rev. 0
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
   SWITCH-MODE DRIVER FOR DC MOTORS
L292 STMICROELECTRONICS-L292_03 Datasheet
191Kb / 13P
   SWITCH-MODE DRIVER FOR DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com