Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8312 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8312
Description  Three Phase PWM Motor Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8312 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8312 Datasheet HTML 3Page - Texas Instruments DRV8312 Datasheet HTML 4Page - Texas Instruments DRV8312 Datasheet HTML 5Page - Texas Instruments DRV8312 Datasheet HTML 6Page - Texas Instruments DRV8312 Datasheet HTML 7Page - Texas Instruments DRV8312 Datasheet HTML 8Page - Texas Instruments DRV8312 Datasheet HTML 9Page - Texas Instruments DRV8312 Datasheet HTML 10Page - Texas Instruments DRV8312 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DRV8312
DRV8332
www.ti.com
SLES256D – MAY 2010 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS
TA = 25 °C, PVDD = 50 V, GVDD = VDD = 12 V, fSw = 400 kHz, unless otherwise noted. All performance is in accordance
with recommended operating conditions unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Voltage Regulator and Current Consumption
VREG
Voltage regulator, only used as a reference node
VDD = 12 V
2.95
3.3
3.65
V
Idle, reset mode
9
12
mA
IVDD
VDD supply current
Operating, 50% duty cycle
10.5
Reset mode
1.7
2.5
mA
IGVDD_X
Gate supply current per half-bridge
Operating, 50% duty cycle
8
IPVDD_X
Half-bridge X (A, B, or C) idle current
Reset mode
0.7
1
mA
Output Stage
MOSFET drain-to-source resistance, low side (LS)
TJ = 25°C, GVDD = 12 V
80
m
RDS(on)
MOSFET drain-to-source resistance, high side (HS)
TJ = 25°C, GVDD = 12 V
80
m
VF
Diode forward voltage drop
TJ = 25°C - 125°C, IO = 5 A
1
V
tR
Output rise time
Resistive load, IO = 5 A
14
ns
tF
Output fall time
Resistive load, IO = 5 A
14
ns
tPD_ON
Propagation delay when FET is on
Resistive load, IO = 5 A
38
ns
tPD_OFF
Propagation delay when FET is off
Resistive load, IO = 5 A
38
ns
tDT
Dead time between HS and LS FETs
Resistive load, IO = 5 A
5.5
ns
I/O Protection
Gate supply voltage GVDD_X undervoltage
Vuvp,G
8.5
V
protection threshold
Vuvp,hyst
(1)
Hysteresis for gate supply undervoltage event
0.8
V
OTW(1)
Overtemperature warning
115
125
135
°C
OTWhyst
(1)
Hysteresis temperature to reset OTW event
25
°C
OTSD(1)
Overtemperature shut down
150
°C
OTE-
OTE-OTW overtemperature detect temperature
25
°C
OTWdifferential
(1)
difference
Hysteresis temperature for FAULT to be released
OTSDHYST
(1)
25
°C
following an OTSD event
IOC
Overcurrent limit protection
Resistor—programmable, nominal, ROCP = 27 kΩ
9.7
A
Time from application of short condition to Hi-Z of
IOCT
Overcurrent response time
250
ns
affected FET(s)
Static Digital Specifications
VIH
High-level input voltage
PWM_A, PWM_B, PWM_C, M1, M2, M3
2
3.6
V
VIH
High-level input voltage
RESET_A, RESET_B, RESET_C
2
3.6
V
PWM_A, PWM_B, PWM_C, M1, M2, M3,
VIL
Low-level input voltage
0.8
V
RESET_A, RESET_B, RESET_C
llkg
Input leakage current
-100
100
μA
OTW / FAULT
Internal pullup resistance, OTW to VREG, FAULT to
RINT_PU
20
26
35
k
VREG
Internal pullup resistor only
2.95
3.3
3.65
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
(1)
Specified by design
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8312 DRV8332


Similar Part No. - DRV8312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312 Datasheet
319Kb / 2P
[Old version datasheet]   Stellaris짰 LM4F211 controlCARD
DRV8312DDW TI-DRV8312DDW Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
More results

Similar Description - DRV8312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com