Electronic Components Datasheet Search |
|
PWB4815(M)D-1W5 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
PWB4815(M)D-1W5 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 3 page The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice. PWA_(M)D-1W5 & PWB_(M)D-1W 5 A/3-2012 Page 2 of 3 OUTPUT SPECIFICATIONS TYPICAL CHARECTERISTICS Item Test Conditions Min. Typ. Max. Units Output power See above products program 0.15 1.5 W Positive voltage accuracy Refer to recommended circuit ±1 ±3 Negative voltage accuracy Refer to recommended circuit ±3 ±5 Load regulation From 10% to 100% load ±0.5 ±2* Line regulation Input voltage from low to high ±0.2 ±0.75 % Temperature drift Refer to recommended circuit ±0.03 %/ °C Ripple** 20MHz Bandwidth 20 50 Noise** 20MHz Bandwidth 50 100 mVp-p Switching frequency 100% load, input voltage range 300 KHz * Dual output models unbalanced load: ±5%. **Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes. Operating Temp.( ) C Temperature Derating Graph Safe Operating Area APPLICATION NOTE RECOMMENDED CIRCUIT 1) Requirement On Output Load In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra loading, or contact our company for other lower output power products. 2) Recommended Circuit All the PWA_(M)D-1W5 & PWB_(M)D-1W5 Series have been tested according to the following recommended testing circuit before leaving factory. (See Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high, or may cause start-up problem. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).If you want to use the products in high EMI, please choose our metal packaged products (PWA_MD-1W5 & PWB_MD- 1W5). General: Cin: 24V&48V 10 μF~47μF Cout: 10 μF/100mA 3) Input Current When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module standard. Input current of power supply should afford the startup current of this kind of DC/DC module. (See figure 2) General: Ip ≤1.4*Iin-max 4) No parallel connection or plug and play Vin G ND +Vo 0V Cin Cout Vin G ND +Vo 0V Cin Co ut DC DC -Vo Cout Sin gle o utp ut DC DC (Figure 1) Input Voltage (V) Input Voltage Range Ip (Figure 2) Output External Capacitor Table (Table 1) Single Vout (VDC) Cout (uF) Daul Vout (VDC) Cout (uF) 3.3 2200 ±5 680 5 1000 ±12 330 9 680 ±15 220 12 470 - - 15 330 - - |
Similar Part No. - PWB4815(M)D-1W5 |
|
Similar Description - PWB4815(M)D-1W5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |