Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

384258 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 384258
Description  Male Connector B/2 32 solder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

384258 Datasheet(HTML) 1 Page - ERNI Electronics

  384258 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,54
15 x 2,54 = (38,1)
15 x 2,54 = (38,1)
Stecklänge / mating length
E =
early mate, late break / voreilend
S = standard
E S L
L = late mate, early break / nacheilend
prior notice.
contact one of the ERNI companies
STVB/2
Male Connector B/2 32 solder
Messerleiste B/2 32 Löt
384258
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
RC 1
mating length
Stecklänge
XXXXXXX
class
Anforderungsstufe
ERNI
Datum
date
+0,1
2,5
max
48,26
53,5
47
15
all holes
b
16
Leiterplatten- Lochbild / PCB drillhole pattern
alle Löcher /
a
1
3
4
5
6
7
8
9
10
2
11
12
13
14
0,05
±0,1
1
2,8
+0,1
48,26
12
S
S
contact layout
S
a
S
S
SS
SS
S
S
S
S
S
S
S
S
S
S
S
S
S
S
2
10 9 8 7 6 5 4 3
1
b
11
13
14
15
16
S
S
S
S
S
S
S
S
Bestückungsplan /
S
a1
b16
b1
a16
1 -0,1
44,6
+0,2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
Isolierwerkstoff
/ housing material : PBT GF 30
Bauart 4 / t
ype 4
Anforderungsstufe 1 = 500 Steckzyklen
/ performance class 1 = 500 mating cycles
Bedruckung siehe Zeichnung 294905
marking see drawing 294905
a b c
6
3,95
2,54
±0,1
0,6
Index
Date
-
10.11.2009


Similar Part No. - 384258

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384257 ERNI-384257 Datasheet
50Kb / 1P
   Male Connector B/2 32 solder
More results

Similar Description - 384258

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100303620001 ERNI-100303620001 Datasheet
71Kb / 1P
   Male Connector B/2 32 solder
384257 ERNI-384257 Datasheet
50Kb / 1P
   Male Connector B/2 32 solder
384262 ERNI-384262 Datasheet
54Kb / 1P
   Male Connector B/2 32 solder
100203620001 ERNI-100203620001 Datasheet
71Kb / 1P
   Male Connector B/2 32 solder
384261 ERNI-384261 Datasheet
55Kb / 1P
   Male Connector B/2 32 solder
384265 ERNI-384265 Datasheet
51Kb / 1P
   Male Connector B/2 32 solder
384248 ERNI-384248 Datasheet
54Kb / 1P
   Male Connector B 32 solder
384249 ERNI-384249 Datasheet
54Kb / 1P
   Male Connector B 32 solder
384244 ERNI-384244 Datasheet
55Kb / 1P
   Male Connector B 32 solder
384247 ERNI-384247 Datasheet
55Kb / 1P
   Male Connector B 32 solder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com