Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2412XT-2WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # F2412XT-2WR2
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F2412XT-2WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  F2412XT-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F2412XT-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F2412XT-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F2412XT-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC Converter
F_XT-2WR2 Series
2014.05.22-A/1
Page 4 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC typical recommended circuit
Vin
GND
+Vo
0V
DC/DC
LOAD
LDM
C1
CY
Vin
GND
C3
C2
Fig. 4
Input voltage (VDC)
5/12/15/24
EMI
C1
4.7μF /50V
C2
4.7μF /50V
C3
Refer to the Cout in Fig.3
CY
--
LDM
6.8μH
Note: 1. F2424XT-2WR2 is subject to CY (CY : 470pF/3KV).
2. It is not needed to add the component in the peripheral circuit
when parameter with the symbol of "--".
3. Output load requirements
To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If
the actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of
the rated power, and derating is required during operation.
4. For more information please find DC-DC converter application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Notes:
1.
Packing information please refer to "Product Packing Information ".Packing bag number: 58210024;
2.
If the product is operated out of the min. load requirement, the product performance may not meet all parameter indexes in this
datasheet;
3.
The max. capacitive load offered is tested at nominal input voltage and full load;
4.
Unless otherwise specified, parameter indexes in this datasheet is measured under the conditions of Ta=25°C, humidity<75% with
nominal input voltage and rated output load;
5.
All testing methods in this datasheet are based on our Company’s corporate standards;
6.
The parameter indexes above are for the modules listed in this datasheet, for non-standard module's parameter indexes, please
contact our technicians for specific information;
7.
We can provide custom design;
8.
Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - F2412XT-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2412XT-2WR2 MORNSUN-F2412XT-2WR2 Datasheet
222Kb / 5P
   DC/DC Converter
More results

Similar Description - F2412XT-2WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com