Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM11-21001LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM11-21001LF
Description  Electrical / Environmental
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM11-21001LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM11-21001LF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
13
Part
Core
AWG
@ 10 kHz
Max.
DC Amps at 35°C at 45°C
Quantity
Number
Size
mm(1)
± 25%
mW
Approx.
Rise
Rise
A
B
C
(Units)
Wire
Inductance
Max. Current
Mechanical Outline
Carton
Gauge
µH
DCR
I
SAT
DC Amps
Dimensions: Inches (mm)
Box
HM11-11001LF
10 X 40
10 (2.59)
4.46
2.0
48
23.5
26.5
1.65 (42)
.75 (19.0)
.63 (16.0)
250
HM11-11302LF
10 X 35
13 (1.83)
7.20
4.5
36
13.0
15.0
1.46 (37)
.65 (16.5)
.57 (14.5)
300
HM11-11503LF
10 X 35
15 (1.45)
11.00
8.1
28
10.5
12.0
1.46 (37)
.60 (15.2)
.54 (13.7)
300
HM11-11804LF
10 X 35
18 (1.02)
21.00
21.4
20
7.0
8.0
1.46 (37)
.55 (14.0)
.50 (12.8)
300
HM11-12005LF
10 X 35
20 (0.81)
34.00
43.0
16
5.5
6.5
1.46 (37)
.55 (14.0)
.49 (12.4)
300
HM11-21001LF
10 X 25
10 (2.59)
1.40
1.2
85
25.0
28.0
1.06 (27)
.75 (19.0)
.63 (16.0)
300
HM11-21302LF
10 X 25
13 (1.83)
3.30
3.4
60
14.0
16.0
1.06 (27)
.65 (16.5)
.57 (14.5)
300
HM11-21503LF
10 X 25
15 (1.45)
5.00
5.8
46
11.5
13.5
1.06 (27)
.60 (15.2)
.54 (13.7)
300
HM11-21804LF
10 X 25
18 (1.02)
9.30
15.0
30
8.0
9.0
1.06 (27)
.55 (14.0)
.50 (12.8)
300
HM11-22005LF
10 X 25
20 (0.81)
16.20
30.6
22
5.0
5.5
1.06 (27)
.55 (14.0)
.49 (12.4)
1000
HM11-31001LF
8 X 25
10 (2.59)
1.20
1.2
72
28.0
31.0
1.06 (27)
.65 (16.5)
.55 (14.0)
300
HM11-31302LF
8 X 25
13 (1.83)
2.70
2.7
45
14.5
17.0
1.06 (27)
.55 (14.0)
.49 (12.5)
400
HM11-31503LF
8 X 25
15 (1.45)
4.20
4.9
35
11.5
13.5
1.06 (27)
.55 (14.0)
.46 (11.7)
1000
HM11-31804LF
8 X 25
18 (1.02)
7.20
11.6
26
8.0
9.0
1.06 (27)
.50 (12.7)
.43 (10.8)
1000
HM11-32005LF
8 X 25
20 (0.81)
12.00
22.8
22
5.5
6.5
1.06 (27)
.45 (11.4)
.41 (10.4)
1000
HM11-41301LF
6 X 16
13 (1.83)
0.66
1.4
65
13.0
15.0
.71 (18)
.50 (12.7)
.41 (10.5)
660
HM11-41502LF
6 X 16
15 (1.45)
1.00
2.3
50
10.0
12.0
.71 (18)
.45 (11.4)
.38 (9.7)
660
HM11-41803LF
6 X 16
18 (1.02)
2.20
6.1
32
8.0
9.0
.71 (18)
.40 (10.2)
.35 (8.8)
660
HM11-42004LF
6 X 16
20 (.081)
3.30
10.87
23
7.5
8.5
.71 (18)
.40 (10.2)
.33 (8.4)
660
HM11-51301LF
5 X 25
13 (1.83)
2.00
1.9
25
17.0
19.5
1.06 (27)
.45 (11.4)
.37 (9.5)
1000
HM11-51502LF
5 X 25
15 (1.45)
2.60
3.2
20
14.5
16.5
1.06 (27)
.45 (11.4)
.34 (8.7)
1000
HM11-51803LF
5 X 25
18 (1.02)
5.50
8.4
14
9.0
10.0
1.06 (27)
.35 (8.9)
.31 (7.8)
1000
HM11-52004LF
5 X 25
20 (0.81)
8.80
16.5
10
6.5
7.0
1.06 (27)
.35 (8.9)
.29 (7.4)
1000
HM11-61301LF
4 X 16
13 (1.83)
0.37
0.9
53
18.0
20.0
.71 (18)
.40 (10.2)
.33 (8.5)
450
HM11-61502LF
4 X 16
15 (1.45)
0.68
1.7
38
15.5
17.5
.71 (18)
.40 (10.2)
.30 (7.7)
450
HM11-61803LF
4 X 16
18 (1.02)
1.15
3.7
28
10.5
12.0
.71 (18)
.35 (8.9)
.27 (6.8)
450
HM11-62004LF
4 X 16
20 (0.81)
1.80
6.9
20
8.5
9.5
.71 (18)
.30 (7.6)
.25 (6.4)
450
HM11-71001LF
9 X 9
13.5 (1.72) 0.19 ± 15% 0.76
-
33.0
37.0
.37 (9.5)
.52 (13.2)
.51 (13)
500
HM11
Electrical / Environmental
Outline Dimensions (Inch / mm) / Schematic
Notes: (1) Nominal bare wire diameter.
(2) Electrical specifications at 25°C.
• Operating Temperature Range
-40°C to +105°C
• TemperatureRise,Maximum
45°C
Specifications / Packaging
VerticalMountInductors
RoHS
Compliant


Similar Part No. - HM11-21001LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM11-21001LF BITECH-HM11-21001LF Datasheet
488Kb / 1P
   Vertical Mount Inductors
logo
TT Electronics.
HM11-21001LF TTELEC-HM11-21001LF Datasheet
717Kb / 1P
   Vertical Mount Inductors
logo
Bi technologies
HM11-21001LF10 BITECH-HM11-21001LF10 Datasheet
488Kb / 1P
   Vertical Mount Inductors
More results

Similar Description - HM11-21001LF

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
Extech Instruments Corp...
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
   Environmental Meter
logo
Glenair, Inc.
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
   Environmental Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com